Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBI100U4B-170 Datasheet(PDF) 6 Page - Fuji Electric

Part # 6MBI100U4B-170
Description  IGBT MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI100U4B-170 Datasheet(HTML) 6 Page - Fuji Electric

Back Button 6MBI100U4B-170 Datasheet HTML 2Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 3Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 4Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 5Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 6Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 7Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 8Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 9Page - Fuji Electric 6MBI100U4B-170 Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
H04-004-03a
MS5F6304
13
11. Reliability test results
6
Reliability Test Items
Test
cate-
gories
Test items
Test methods and conditions
Reference
norms
EIAJ ED-4701
(Aug.-2001 edition)
Number
of
sample
Accept-
ance
number
1 Terminal Strength
Pull force
: 20N
Test Method 401
5
( 0 : 1 )
(Pull test)
Test time
: 10±1 sec.
MethodⅠ
2 Mounting Strength
Screw torque
: 2.5 ~ 3.5 N・m (M5)
Test Method 402
5
( 0 : 1 )
Test time
: 10±1 sec.
methodⅡ
3 Vibration
Range of frequency : 10 ~ 500Hz
Test Method 403
5
( 0 : 1 )
Sweeping time
: 15 min.
Reference 1
Acceleration
: 100m/s2
Condition code B
Sweeping direction : Each X,Y,Z axis
Test time
: 6 hr. (2hr./direction)
4 Shock
Maximum acceleration : 5000m/s2
Test Method 404
5
( 0 : 1 )
Pulse width
: 1.0msec.
Condition code B
Direction
: Each X,Y,Z axis
Test time
: 3 times/direction
5 Solderabitlity
Solder temp.
: 235±5 ℃
Test Method 303
5
( 0 : 1 )
Immersion time
: 5±0.5sec.
Condition code A
Test time
: 1 time
Each terminal should be Immersed in solder
within 1~1.5mm from the body.
6 Resistance to
Solder temp.
: 260±5 ℃
Test Method 302
5
( 0 : 1 )
Soldering Heat
Immersion time
: 10±1sec.
Condition code A
Test time
: 1 time
Each terminal should be Immersed in solder
within 1~1.5mm from the body.
1 High Temperature
Storage temp.
: 125±5 ℃
Test Method 201
5
( 0 : 1 )
Storage
Test duration
: 1000hr.
2 Low Temperature
Storage temp.
: -40±5 ℃
Test Method 202
5
( 0 : 1 )
Storage
Test duration
: 1000hr.
3 Temperature
Storage temp.
: 85±2 ℃
Test Method 103
5
( 0 : 1 )
Humidity
Relative humidity
: 85±5%
Test code C
Storage
Test duration
: 1000hr.
4 Unsaturated
Test temp.
: 120±2 ℃
Test Method 103
5
( 0 : 1 )
Pressurized Vapor Test humidity
: 85±5%
Test code E
Test duration
: 96hr.
5 Temperature
Test Method 105
5
( 0 : 1 )
Cycle
Test temp.
:
Low temp. -40±5 ℃
High temp. 125 ±5 ℃
RT
5 ~ 35 ℃
Dwell time
: High ~ RT ~ Low ~ RT
1hr. 0.5hr. 1hr. 0.5hr.
Number of cycles
: 100 cycles
6 Thermal Shock
+0
Test Method 307
5
( 0 : 1 )
Test temp.
:
High temp. 100
-5
method Ⅰ
+5
Condition code A
Low temp.
0
-0
Used liquid : Water with ice and boiling water
Dipping time
: 5 min. par each temp.
Transfer time
: 10 sec.
Number of cycles
: 10 cycles


Similar Part No. - 6MBI100U4B-170

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI100U4B-120 FUJI-6MBI100U4B-120 Datasheet
466Kb / 13P
   IGBT MODULE
More results

Similar Description - 6MBI100U4B-170

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com