Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBI100U4B-120 Datasheet(PDF) 5 Page - Fuji Electric

Part # 6MBI100U4B-120
Description  IGBT MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI100U4B-120 Datasheet(HTML) 5 Page - Fuji Electric

  6MBI100U4B-120 Datasheet HTML 1Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 2Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 3Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 4Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 5Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 6Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 7Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 8Page - Fuji Electric 6MBI100U4B-120 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
H04-004-03a
MS5F6012
13
5
L
Vcc
Ic
VCE
RG
VGE
VGE
VCE
Ic
0V
0A
0V
10%
90%
10%
10%
90%
90%
0V
Ic
VCE
o n
t
r
t
r ( i )
t
o f f
t
f
t
r r
I
r r
t
Logo of production
Lot.No.
Place of manufacturing (code)
9. Definitions of switching time
Store modules with unprocessed terminals.
- Products quantity in a packing box
10. Packing and Labeling
Display on the packing box
- Logo of production
- Type name
- Lot No
Do not drop or otherwise shock the modules when transporting.
7. Applicable category
This specification is applied to IGBT-Module named 6MBI100U4B-120.
module surface.
8. Storage and transportation notes
The module should be stored at a standard temperature of 5 to 35
oC and humidity of 45 to 75% .
Store modules in a place with few temperature changes in order to avoid condensation on the
Avoid exposure to corrosive gases and dust.
Avoid excessive external force on the module.
Rth(j-c)
0.05
Thermal resistance(1device)
IGBT
-
-
-
5. Thermal resistance characteristics
Items
Symbols
Conditions
Units
min.
typ.
max.
Characteristics
0.24
FWD
-
-
6MBI100U4B-120
100A 1200V
Contact Thermal resistance
(1 device) (*5)
Rth(c-f)
with Thermal Compound
(*5) This is the value which is defined mounting on the additional cooling fin with thermal compound.
6. Indication on module
-
oC/W
0.39


Similar Part No. - 6MBI100U4B-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI100U4B-170 FUJI-6MBI100U4B-170 Datasheet
467Kb / 13P
   IGBT MODULE
More results

Similar Description - 6MBI100U4B-120

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com