Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI300U4H-120 Datasheet(PDF) 5 Page - Fuji Electric

Part # 2MBI300U4H-120
Description  IGBT MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI300U4H-120 Datasheet(HTML) 5 Page - Fuji Electric

  2MBI300U4H-120 Datasheet HTML 1Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 2Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 3Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 4Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 5Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 6Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 7Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 8Page - Fuji Electric 2MBI300U4H-120 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
H04-004-03a
MS5F6037
13
5
L
V cc
Ic
VCE
R G
VGE
VGE
VCE
Ic
0V
0A
0V
10%
90%
10%
10%
90%
90%
0V
Ic
VCE
o n
t
r
t
r ( i )
t
o f f
t
f
t
r r
I
r r
t
Logo of production
Lot.No.
Place of manufacturing (code)
2MBI300U4H-120
300A 1200V
Contact Thermal resistance
(1 device) (*5)
Rth(c-f)
with Thermal Compound
(*5) This is the value which is defined mounting on the additional cooling fin with thermal compound.
6. Indication on module
-
oC/W
0.14
0.085
FWD
-
-
5. Thermal resistance characteristics
Items
Symbols
Conditions
Units
min.
typ.
max.
Characteristics
Rth(j-c)
0.0125
Thermal resistance(1device)
IGBT
-
-
-
Do not drop or otherwise shock the modules when transporting.
7. Applicable category
This specification is applied to IGBT-Module named 2MBI300U4H-120.
module surface.
8. Storage and transportation notes
The module should be stored at a standard temperature of 5 to 35
oC and humidity of 45 to 75% .
Store modules in a place with few temperature changes in order to avoid condensation on the
Avoid exposure to corrosive gases and dust.
Avoid excessive external force on the module.
Display on the packing box
- Logo of production
- Type name
- Lot No
9. Definitions of switching time
Store modules with unprocessed terminals.
- Products quantity in a packing box
10. Packing and Labeling


Similar Part No. - 2MBI300U4H-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300U4H-170 FUJI-2MBI300U4H-170 Datasheet
207Kb / 13P
   IGBT MODULE
More results

Similar Description - 2MBI300U4H-120

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com