Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2919FBD144 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2919FBD144
Description  ARM9 microcontroller with CAN and LIN
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919FBD144 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2919FBD144 Datasheet HTML 4Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 5Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 9Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 10Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 11Page - NXP Semiconductors LPC2919FBD144 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
8 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
VDD(IO)
53
3.3 V power supply for I/O
P2.2
54
GPIO 2, pin 2
TIMER2 MAT2
PWM TRAP1
EXTBUS D10
P2.3
55
GPIO 2, pin 3
TIMER2 MAT3
PWM TRAP0
EXTBUS D11
P1.11
56
GPIO 1, pin 11
SPI1 SCK
-
EXTBUS CS3
P1.10
57
GPIO 1, pin 10
SPI1 SDI
-
EXTBUS CS2
P3.12
58
GPIO 3, pin 12
SPI1 SCS0
EXTINT4
-
VSS(CORE)
59
ground for digital core
VDD(CORE)
60
1.8 V power supply for digital core
P3.13
61
GPIO 3, pin 13
SPI1 SDO
EXTINT5
-
P2.4
62
GPIO 2, pin 4
TIMER1 MAT0
EXTINT0
EXTBUS D12
P2.5
63
GPIO 2, pin 5
TIMER1 MAT1
EXTINT1
EXTBUS D13
P1.9
64
GPIO 1, pin 9
SPI1 SDO
LIN1 RxD
EXTBUS CS1
VSS(IO)
65
ground for I/O
P1.8
66
GPIO 1, pin 8
SPI1 SCS0
LIN1 TxD
EXTBUS CS0
P1.7
67
GPIO 1, pin 7
SPI1 SCS3
UART1 RxD
EXTBUS A7
P1.6
68
GPIO 1, pin 6
SPI1 SCS2
UART1 TxD
EXTBUS A6
P2.6
69
GPIO 2, pin 6
TIMER1 MAT2
EXTINT2
EXTBUS D14
P1.5
70
GPIO 1, pin 5
SPI1 SCS1
PWM3 MAT5
EXTBUS A5
P1.4
71
GPIO 1, pin 4
SPI2 SCS2
PWM3 MAT4
EXTBUS A4
TRSTN
72
IEEE 1149.1 test reset NOT; active LOW; pulled up internally
RSTN
73
asynchronous device reset; active LOW; pulled up internally
VSS(OSC)
74
ground for oscillator
XOUT_OSC
75
crystal out for oscillator
XIN_OSC
76
crystal in for oscillator
VDD(OSC)
77
1.8 V supply for oscillator
VSS(PLL)
78
ground for PLL
P2.7
79
GPIO 2, pin 7
TIMER1 MAT3
EXTINT3
EXTBUS D15
P3.14
80
GPIO 3, pin 14
SPI1 SDI
EXTINT6
CAN0 TxD
P3.15
81
GPIO 3, pin 15
SPI1 SCK
EXTINT7
CAN0 RxD
VDD(IO)
82
3.3 V power supply for I/O
P2.8
83
GPIO 2, pin 8
-
PWM0 MAT0
SPI0 SCS2
P2.9
84
GPIO 2, pin 9
-
PWM0 MAT1
SPI0 SCS1
P1.3
85
GPIO 1, pin 3
SPI2 SCS1
PWM3 MAT3
EXTBUS A3
P1.2
86
GPIO 1, pin 2
SPI2 SCS3
PWM3 MAT2
EXTBUS A2
P1.1
87
GPIO 1, pin 1
EXTINT1
PWM3 MAT1
EXTBUS A1
VSS(CORE)
88
ground for digital core
VDD(CORE)
89
1.8 V power supply for digital core
P1.0
90
GPIO 1, pin 0
EXTINT0
PWM3 MAT0
EXTBUS A0
P2.10
91
GPIO 2, pin 10
-
PWM0 MAT2
SPI0 SCS0
P2.11
92
GPIO 2, pin 11
-
PWM0 MAT3
SPI0 SCK
Table 3.
LQFP144 pin assignment …continued
Symbol
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3


Similar Part No. - LPC2919FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2919FBD144/01 NXP-LPC2919FBD144/01 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
More results

Similar Description - LPC2919FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
   ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
   ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
logo
Infineon Technologies A...
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 133P
   Microcontroller with LIN and BLDC MOSFET Driver
Rev. 1.0 2018-01-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com