Part Name
         Description
UDZS3V6B

 200mW Surface Mount Flat Lead Plastic Package Zener Diode ( 2 Page)


TSC
100% 
Zoom Out Zoom In
   
 1 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
UDZS3V6B ~ UDZS36VB
200mW Surface Mount Flat Lead
Plastic Package Zener Diode
SOD-323F
Features
Zener voltage range selection, 3.6V to 36V
Flat lead SOD-323 small outline plastic
package.
Surface device type mounting
Moisture sensitivity level 1
Clip bonding construction, good thermal
capability
RoHS compliant
Matte Tin(Sn) lead finish
Band indicates cathode
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Power Dissipation
Pd
200
mW
Junction Temperature Range
TJ
-55 to + 150
OC
Operating and Storage Temperature Range
TSTG
-55 to + 150
OC
These ratings are limiting values above which the serviceability of the diode may be impaired.
Version: A07
Preliminary



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT52C2V4S200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 5 Won-Top Electronics
BZX84C2V4W_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMBZ5221BW200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMSZ5221BS200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics
AZ23C5V6W_1200mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
MMSZ5221BS200mW Surface Mount Zener Diode 1 2 3 Taiwan Semiconductor Company, Ltd
MMBZ5221BW_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BS_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BAT42WS0.2W Surface Mount Flat Lead Fast Switching Schottky Barrier Diode 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl