Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS3V6B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UDZS3V6B
Description  200mW Surface Mount Flat Lead Plastic Package Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UDZS3V6B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UDZS3V6B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UDZS3V6B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
ZZT @ IZT
ZZK @ IZK IR @ VR
Device
Marking
IZT
IZK
(uA)
VR
Min.
Max.
mA
Max.
mA
Max.
Max.
(Volts)
UDZS3V6B
D0
3.60
3.85
5.0
90
1.0
600
4.5
1
UDZS3V9B
D1
3.89
4.16
5.0
90
1.0
600
2.7
1
UDZS4V3B
D2
4.17
4.43
5.0
90
1.0
600
2.7
1
UDZS4V7B
D3
4.55
4.75
5.0
80
1.0
500
2.7
1
UDZS5V1B
D4
4.98
5.20
5.0
60
1.0
500
1.8
2
UDZS5V6B
D5
5.49
5.73
5.0
40
1.0
300
0.9
3
UDZS6V2B
D6
6.06
6.33
5.0
40
1.0
150
2.7
3
UDZS6V8B
D7
6.65
6.93
5.0
30
1.0
75
1.8
4
UDZS7V5B
D8
7.28
7.60
5.0
30
1.0
75
0.9
4
UDZS8V2B
D9
8.02
8.36
5.0
30
1.0
75
0.63
5
UDZS9V1B
DA
8.85
9.23
5.0
30
1.0
90
0.45
6
UDZS10VB
DB
9.77
10.21
5.0
20
1.0
150
0.18
7
UDZS11VB
DC
10.76
11.22
5.0
20
1.0
150
0.09
8
UDZS12VB
DE
11.74
12.24
5.0
20
1.0
150
0.09
9
UDZS13VB
DF
12.91
13.49
5.0
40
1.0
160
0.045
10
UDZS15VB
DG
14.34
14.98
5.0
40
1.0
190
0.045
11
UDZS16VB
DH
15.85
16.51
5.0
40
1.0
190
0.045
12
UDZS18VB
DJ
17.56
18.35
5.0
50
1.0
220
0.045
13
UDZS20VB
DK
19.52
20.39
5.0
60
1.0
220
0.045
15
UDZS22VB
DL
21.54
22.47
5.0
80
1.0
240
0.045
17
UDZS24VB
DM
23.72
24.78
5.0
80
1.0
240
0.045
19
UDZS27VB
DN
26.19
27.53
5.0
100
0.5
300
0.045
21
UDZS30VB
DP
29.19
30.69
5.0
100
0.5
300
0.045
23
UDZS33VB
DR
32.15
33.79
5.0
100
0.5
310
0.045
25
UDZS36VB
DS
35.07
36.87
5.0
100
0.5
330
0.045
27
Notes:
1. The zener Voltage (VZ) is tested under pulse condition of 40mS.
2. For detailed information on price, availability and delivery of nominal zener voltages between the
voltages shown and tighter voltage tolerances.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when anac
current having an ms value equal to 10% of the dc zener current (IZT or IZK) is superimpossed
to IZT or IZK.
Version: A07
(Volts)
VZ @ IZT


Similar Part No. - UDZS3V6B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS3V6B SECOS-UDZS3V6B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
Rectron Semiconductor
UDZS3V6B RECTRON-UDZS3V6B Datasheet
213Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
logo
Yea Shin Technology Co....
UDZS3V6B YEASHIN-UDZS3V6B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B Datasheet
446Kb / 4P
   Surface Mount Flat Lead Plastic Package Zener Diode
More results

Similar Description - UDZS3V6B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B_08 Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
UDZS3V6B TSC-UDZS3V6B_14 Datasheet
446Kb / 4P
   Surface Mount Flat Lead Plastic Package Zener Diode
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com