Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422H1474+000 Datasheet(PDF) 2 Page - EPCOS

Part # B82422H1474+000
Description  SIMID 1210−H
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422H1474+000 Datasheet(HTML) 2 Page - EPCOS

  B82422H1474+000 Datasheet HTML 1Page - EPCOS B82422H1474+000 Datasheet HTML 2Page - EPCOS B82422H1474+000 Datasheet HTML 3Page - EPCOS B82422H1474+000 Datasheet HTML 4Page - EPCOS B82422H1474+000 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Marking
2
Please read the important notes
at the end of this document
Dimensional drawing
Layout recommendation
Dimensions (mm)
A
B
C
D
Reflow soldering
2,70
1,15
1,80
4,40
1) Soldering area, tinned
Technical data and measuring conditions
Electrical specifications at TA = 20°C
Rated inductance LR
Measured with impedance analyzer HP 4294A
at frequency fL
Q factor Qmin
Measured with impedance analyzer HP 4294A
at frequency fQ
Rated current IR
Maximum permissible DC with inductance decrease
D
L/L0 v10% and temperature increase of v45K at
rated temperature of 105
°C
Self−resonance frequency fres,min
Measured with network analyzer HP 8753
DC resistance Rmax
measuring current < IR
Climatic category
55/150/56 to IEC 60068−1
Solderability
lead-free to IEC 60068−2−58 and
Jedec J−STD 002B / JESD22−B102D
Resistance to soldering heat
to IEC 60068−2−20 and MIL−STD−202, method 210
Permissible PCB bending
2mm (100mm long standard PCB)
Weight
Approx. 50mg
SMT Inductors, SIMID Series
B82422H
SIMID 1210−H
Hugo ist doof BNR
B82422−H1*−3−7659
28.06.2006


Similar Part No. - B82422H1474+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1474+000 EPCOS-B82422H1474+000 Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
More results

Similar Description - B82422H1474+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
   SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
   SIMID series, SIMID 1812-T
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−H for very high insertion loss
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com