Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD4112 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD4112
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4112 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD4112 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4112 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4112 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4112 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4112 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
18
22
44
55
RθJC
2.4
3
5.7
W
TA=70°C
3.6
W
Junction and Storage Temperature Range
A
PD
°C
50
25
-55 to 175
TC=100°C
ID
Continuous Drain
Current GF
Maximum
Units
Parameter
TC=25°C
TC=100°C
30
Maximum Junction-to-Ambient A
Steady-State
20
20
80
Avalanche Current C
25
Power Dissipation A
TA=25°C
PDSM
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Pulsed Drain Current C
Power Dissipation B
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Case B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient A
t ≤ 10s
RθJA
°C/W
A
Repetitive avalanche energy L=0.3mH C
94
mJ
AOD4112
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 20A (VGS = 10V)
RDS(ON) < 9.5mΩ (VGS = 10V)
RDS(ON) < 14.5mΩ (VGS = 4.5V)
UIS Tested!
Rg,Ciss,Coss,Crss Tested!
General Description
SRFETTM The AOD4112 uses advanced trench
technology with a monolithically integrated Schottky
diode to provide excellent R DS(ON),and low gate charge.
This device is suitable for use as a low side FET in
SMPS, load switching and general purpose
applications. Standard Product AOD4112 is Pb-free
(meets ROHS & Sony 259 specifications).
G
D
S
TO-252
D-PAK
Top View
Drain Connected to
Tab
SRFET TM
D
S
G
S
oft Recovery MOSFET:
Integrated Schottky Diode
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD4112

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD4112 VBSEMI-AOD4112 Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD4112 ISC-AOD4112 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD4112

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com