Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

68HC05PL4B Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  68HC05PL4B Datasheet HTML 1Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
MC68HC05PL4
ii
REV 2.0
TABLE OF CONTENTS
Section
Page
4.4.2
Miscellaneous Control and Status Register................................................. 4-5
4.5
16-BIT TIMER INTERRUPTS .......................................................................... 4-6
4.5.1
Input Capture Interrupt................................................................................. 4-6
4.5.2
Output Compare Interrupt............................................................................ 4-6
4.5.3
Timer Overflow Interrupt.............................................................................. 4-6
4.6
8-BIT TIMER INTERRUPT .............................................................................. 4-6
4.7
KEYBOARD INTERRUPT ............................................................................... 4-7
SECTION 5
RESETS
5.1
POWER-ON RESET........................................................................................ 5-1
5.2
EXTERNAL RESET ......................................................................................... 5-2
5.3
INTERNAL RESETS........................................................................................ 5-2
5.3.1
Power-On Reset (POR)............................................................................... 5-3
5.3.2
Computer Operating Properly (COP) Reset ................................................ 5-3
5.3.3
Illegal Address Reset................................................................................... 5-4
5.4
RESET STATES OF SUBSYSTEM IN MCU ................................................... 5-5
5.4.1
CPU ............................................................................................................. 5-5
5.4.2
I/O Registers................................................................................................ 5-5
5.4.3
8-Bit Timer ................................................................................................... 5-5
5.4.4
16-Bit Programmable Timer......................................................................... 5-5
5.4.5
Keyboard Interrupt Interface........................................................................ 5-6
5.4.6
6-bit DAC Subsystem .................................................................................. 5-6
5.4.7
System Clock Option Subsystem ................................................................ 5-6
5.4.8
Miscellaneous Subsystem ........................................................................... 5-6
5.5
RESET CHARACTERISTICS .......................................................................... 5-7
SECTION 6
OPERATING MODES
6.1
OPERATING MODES...................................................................................... 6-1
6.1.1
Single-chip (Normal) Mode.......................................................................... 6-1
6.1.2
Self-check Mode.......................................................................................... 6-1
6.2
LOW POWER MODES .................................................................................... 6-2
6.2.1
STOP Mode................................................................................................. 6-2
6.2.2
WAIT Mode.................................................................................................. 6-2
SECTION 7
INPUT/OUTPUT PORTS
7.1
PARALLEL PORTS ......................................................................................... 7-1
7.1.1
Port Data Registers ..................................................................................... 7-2
7.1.2
Port Data Direction Registers ...................................................................... 7-2
7.2
PORT A............................................................................................................ 7-2
7.3
PORT B............................................................................................................ 7-3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 68HC05PL4B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
68HC05P4A NXP-68HC05P4A Datasheet
862Kb / 83P
   The MC68HC05P4A is a 28-pin device based on the MC68HC05P4. The memory map includes 4160 bytes of user ROM and 176 bytes of RAM.
December 27, 1995 REV 2.0
68HC05P4ACP NXP-68HC05P4ACP Datasheet
862Kb / 83P
   The MC68HC05P4A is a 28-pin device based on the MC68HC05P4. The memory map includes 4160 bytes of user ROM and 176 bytes of RAM.
December 27, 1995 REV 2.0
68HC05P4AP NXP-68HC05P4AP Datasheet
862Kb / 83P
   The MC68HC05P4A is a 28-pin device based on the MC68HC05P4. The memory map includes 4160 bytes of user ROM and 176 bytes of RAM.
December 27, 1995 REV 2.0
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
More results

Similar Description - 68HC05PL4B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC05SB7 NXP-68HC05SB7 Datasheet
2Mb / 170P
   Industry standard 8-bit M68HC05 CPU core
REV 2.1
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
   Industry standard M68HC05 CPU core
REV 1.1
logo
Freescale Semiconductor...
MC68HC05SU3A FREESCALE-MC68HC05SU3A Datasheet
1Mb / 80P
   Fully static chip design featuring the industry standard 8-bit M68HC05 core
logo
COREBAI Microelectronic...
CBM9002 COREBAI-CBM9002 Datasheet
2Mb / 22P
   Industry-standard enhanced 8051 core
logo
NXP Semiconductors
MC68HC05P9 NXP-MC68HC05P9 Datasheet
7Mb / 108P
   Popular M68HC05 Central Processor Unit (CPU)
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Motorola, Inc
HC705J2 MOTOROLA-HC705J2 Datasheet
427Kb / 78P
   M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com