Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS713 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS713
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS713 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ACS713_1 Datasheet HTML 2Page - Allegro MicroSystems ACS713_1 Datasheet HTML 3Page - Allegro MicroSystems ACS713_1 Datasheet HTML 4Page - Allegro MicroSystems ACS713_1 Datasheet HTML 5Page - Allegro MicroSystems ACS713_1 Datasheet HTML 6Page - Allegro MicroSystems ACS713_1 Datasheet HTML 7Page - Allegro MicroSystems ACS713_1 Datasheet HTML 8Page - Allegro MicroSystems ACS713_1 Datasheet HTML 9Page - Allegro MicroSystems ACS713_1 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor with
2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
–40
25
85
150
TA (°C)
–40
25
–20
85
125
TA (°C)
IP = 0 A
IP = 0 A
VCC = 5 V
VCC = 5 V
VCC = 5 V
VCC = 5 V; IP = 0 A,
After excursion to 20 A
Mean Supply Current versus Ambient Temperature
Sensitivity versus Sensed Current
200.00
198.00
196.00
194.00
192.00
190.00
188.00
186.00
184.00
182.00
180.00
178.00
176.00
174.00
Ip (A)
TA (°C)
TA (°C)
10.5
10.4
10.3
10.2
10.1
10.0
9.9
9.8
9.7
9.6
-50
-25
0
25
50
75
125
100
150
Supply Current versus Supply Voltage
11.2
11.0
10.8
10.6
10.4
10.2
10.0
9.8
9.6
VCC (V)
Nonlinearity versus Ambient Temperature
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
0
–25
25
50
125
75
100
150
TA (°C)
Mean Total Output Error versus Ambient Temperature
10
8
6
4
2
0
–2
–4
–6
–8
–50
0
–25
25
50
125
75
100
150
010
515
20
25
IP (A)
Output Voltage versus Sensed Current
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.5
4.6
4.8
4.7
4.9
5.0
5.3
5.15.2
5.45.5
188
187
186
185
184
183
182
TA (°C)
Sensitivity versus Ambient Temperature
–50
0
–25
25
50
125
75
100
150
TA (°C)
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
-50
-25
0
25
50
75
125
100
150
Magnetic Offset versus Ambient Temperature
0 A Output Voltage versus Ambient Temperature
TA (°C)
525
520
515
510
505
500
495
490
-50
-25
0
25
50
75
125
100
150
0 A Output Voltage Current versus Ambient Temperature
TA (°C)
–19.75
–19.80
–19.85
–19.90
–19.95
–20.00
–20.05
–20.10
-50
-25
0
25
50
75
125
100
150
0
5
10
15
20
25
Characteristic Performance
IP = 20 A, unless otherwise specified


Similar Part No. - ACS713_1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results

Similar Description - ACS713_1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_06 Datasheet
667Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715 ALLEGRO-ACS715 Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714 Datasheet
695Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
logo
Broadcom Corporation.
ACHS-719X BOARDCOM-ACHS-719X Datasheet
1,006Kb / 19P
   Fully Integrated, Hall-Effect Based Linear Current Sensor IC with 3 kVRMS Isolation and a Low-Resistance Current Conductor
July 10, 2020
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
logo
Allegro MicroSystems
ACS704ELC-005 ALLEGRO-ACS704ELC-005_06 Datasheet
730Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com