Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83321S Datasheet(PDF) 4 Page - Winbond

Part # W83321S
Description  N-Channel FET Synchronous Buck Regulator Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83321S Datasheet(HTML) 4 Page - Winbond

  W83321S Datasheet HTML 1Page - Winbond W83321S Datasheet HTML 2Page - Winbond W83321S Datasheet HTML 3Page - Winbond W83321S Datasheet HTML 4Page - Winbond W83321S Datasheet HTML 5Page - Winbond W83321S Datasheet HTML 6Page - Winbond W83321S Datasheet HTML 7Page - Winbond W83321S Datasheet HTML 8Page - Winbond W83321S Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
W83321S/W83321G
- 4 -
1. GENERAL DESCRIPTION
The W83321S is a high-speed, N-Channel synchronous buck regulator controller. The W83321S
employs fixed-frequency voltage-mode PWM control architecture. Both high-side and low-side
MOSFETs are lower cost N-Channel type. The regulator is biased from a 5V rail and the power for the
high-side MOSFET can be supplied by a separate 12V rail or supplied from a local charge pump.
Current limit is achieved by monitoring the voltage drop across the on resistance of the low-side
MOSFET. This method eliminates the requirement of extra current sensing resistor and avoids false
trigger of OC protection when VIN varies. The adaptive non-overlapping MOSFET gate drivers help
avoid potential shoot-through problems while maintaining high efficiency.
2. FEATURES
Operates from +5V Input
0.8V to VIN Output Range
- 0.8V Internal Reference
- ±1.5% Over Line Voltage and Temperature
Drives N-Channel MOSFETs
Simple Single-Loop Control Design
- Voltage-Mode PWM Control
Fast Transient Response
Lossless, Programmable Overcurrent Protection
- Uses Lower MOSFET’s Rds (on)
- Current limit without sense resistor
Small Converter Size
- 250 kHz Fixed Frequency Oscillator
- Internal Soft Start
- Tiny plastic SOP-8 package


Similar Part No. - W83321S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results

Similar Description - W83321S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com