Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3401CX Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3401CX
Description  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3401CX Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM3401CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM3401
30V P-Channel MOSFET
3/6
Version: A07
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage


Similar Part No. - TSM3401CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401CXRF TSC-TSM3401CXRF Datasheet
240Kb / 6P
   30V P-Channel MOSFET
TSM3401CXRFG TSC-TSM3401CXRFG Datasheet
261Kb / 7P
   P-Channel Power MOSFET
More results

Similar Description - TSM3401CX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com