Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3401CX Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3401CX
Description  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3401CX Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3401CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3401CX Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM3401
30V P-Channel MOSFET
2/6
Version: A07
Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250uA
BVDSS
-30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-1.0
-1.5
-3.0
V
Gate Body Leakage
VGS = ±24V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
IDSS
--
--
-1.0
µA
On-State Drain Current
a
VDS =-5V, VGS = -10V
ID(ON)
-6
--
--
A
VGS = -4.5V, ID = -2.0A
--
75
90
Drain-Source On-State Resistance
a
VGS = -10V, ID = -3.0A
RDS(ON)
--
50
60
Forward Transconductance
a
VDS = -15V, ID = -5A
gfs
4
7
--
S
Diode Forward Voltage
IS = -1.9A, VGS = 0V
VSD
--
-0.8
-1.3
V
Dynamic
b
Total Gate Charge
Qg
--
9.52
Gate-Source Charge
Qgs
--
3.43
--
Gate-Drain Charge
VDS = -15V, ID = -3A,
VGS = -10V
Qgd
--
1.71
--
nC
Input Capacitance
Ciss
--
551.57
--
Output Capacitance
Coss
--
90.96
--
Reverse Transfer Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
Crss
--
60.79
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
10.8
--
Turn-On Rise Time
tr
--
2.33
--
Turn-Off Delay Time
td(off)
--
22.53
--
Turn-Off Fall Time
VDD = -15V, RL = 15Ω,
ID = -1A, VGEN = -10V,
RG = 6Ω
tf
--
3.87
--
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM3401CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401CXRF TSC-TSM3401CXRF Datasheet
240Kb / 6P
   30V P-Channel MOSFET
TSM3401CXRFG TSC-TSM3401CXRFG Datasheet
261Kb / 7P
   P-Channel Power MOSFET
More results

Similar Description - TSM3401CX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com