Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C22 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55C22
Description  0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55C22 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT55C22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55C22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55C22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55C22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZT55C2V0
1.88
2.11
5
100
1.0
600
50
1.0
BZT55C2V2
2.08
2.33
5
100
1.0
600
50
1.0
BZT55C2V4
2.28
2.56
5
85
1.0
600
50
1.0
BZT55C2V7
2.51
2.89
5
85
1.0
600
10
1.0
BZT55C3V0
2.8
3.2
5
85
1.0
600
4
1.0
BZT55C3V3
3.1
3.5
5
85
1.0
600
2
1.0
BZT55C3V6
3.4
3.8
5
85
1.0
600
2
1.0
BZT55C3V9
3.7
4.1
5
85
1.0
600
2
1.0
BZT55C4V3
4.0
4.6
5
75
1.0
600
1
1.0
BZT55C4V7
4.4
5.0
5
60
1.0
600
0.5
1.0
BZT55C5V1
4.8
5.4
5
35
1.0
550
0.1
1.0
BZT55C5V6
5.2
6.0
5
25
1.0
450
0.1
1.0
BZT55C6V2
5.8
6.6
5
10
1.0
200
0.1
2.0
BZT55C6V8
6.4
7.2
5
8
1.0
150
0.1
3.0
BZT55C7V5
7.0
7.9
5
7
1.0
50
0.1
5.0
BZT55C8V2
7.7
8.7
5
7
1.0
50
0.1
6.2
BZT55C9V1
8.5
9.6
5
10
1.0
50
0.1
6.8
BZT55C10
9.4
10.6
5
15
1.0
70
0.1
7.5
BZT55C11
10.4
11.6
5
20
1.0
70
0.1
8.2
BZT55C12
11.4
12.7
5
20
1.0
90
0.1
9.1
BZT55C13
12.4
14.1
5
26
1.0
110
0.1
10
BZT55C15
13.8
15.6
5
30
1.0
110
0.1
11
BZT55C16
15.3
17.1
5
40
1.0
170
0.1
12
BZT55C18
16.8
19.1
5
50
1.0
170
0.1
13
BZT55C20
18.8
21.1
5
55
1.0
220
0.1
15
BZT55C22
20.8
23.3
5
55
1.0
220
0.1
16
BZT55C24
22.8
25.6
5
80
1.0
220
0.1
18
BZT55C27
25.1
28.9
2
80
1.0
220
0.1
20
BZT55C30
28
32
2
80
1.0
220
0.1
22
BZT55C33
31
35
2
80
1.0
220
0.1
24
BZT55C36
34
38
2
80
1.0
220
0.1
27
BZT55C39
37
41
2
90
0.5
500
0.1
28
BZT55C43
40
46
2
90
0.5
600
0.1
32
BZT55C47
44
50
2
110
0.5
700
0.1
35
BZT55C51
48
54
2
125
0.5
700
0.1
38
BZT55C56
52
60
2
135
0.5
1000
0.1
42
BZT55C62
58
66
2.5
150
0.5
1000
0.1
47
BZT55C68
64
72
2.5
160
0.5
1000
0.1
51
BZT55C75
70
80
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0v Maximum @ IF=100mA for all types.
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. The zener impedance is derived from the 60-cycle ac voltage, which results
when an ac current having an rams value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
Version: B07
VZ @ IZT
(Volts)


Similar Part No. - BZT55C22

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C22 TEMIC-BZT55C22 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C22 VISHAY-BZT55C22 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C22 VISHAY-BZT55C22 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C22 SEMTECH_ELEC-BZT55C22 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55C22 TSC-BZT55C22 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - BZT55C22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C2V0 TSC-BZV55C2V0 Datasheet
70Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55B TSC-BZT55B Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B2V4 TSC-BZV55B2V4 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B TSC-BZV55B Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com