Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM2N7002 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7002
Description  500V N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7002 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N7002 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM2N7002
60V N-Channel MOSFET
4/6
Version: A07
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient


Similar Part No. - TSM2N7002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7002CX TSC-TSM2N7002CX Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7002E TSC-TSM2N7002E Datasheet
203Kb / 5P
   50V N-Channel Enhancement Mode MOSFET
TSM2N7002E TSC-TSM2N7002E Datasheet
370Kb / 7P
   60V N-Channel MOSFET
TSM2N7002ECU TSC-TSM2N7002ECU Datasheet
203Kb / 5P
   50V N-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM2N7002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
   500V N-Channel Power MOSFET
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com