Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM2N7000 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7000
Description  60V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7000 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7000 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7000 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7000 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7000 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TSM2N7000
60V N-Channel MOSFET
3/4
Version: A07
TO-92 Mechanical Drawing
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017


Similar Part No. - TSM2N7000

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7000 TSC-TSM2N7000 Datasheet
123Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7000CTA3 TSC-TSM2N7000CTA3 Datasheet
123Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7000CTB0 TSC-TSM2N7000CTB0 Datasheet
123Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
   60V N-Channel MOSFET
TSM2N7000K TSC-TSM2N7000K Datasheet
168Kb / 6P
   60V N-Channel MOSFET
More results

Similar Description - TSM2N7000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com