Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM2N7000 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7000
Description  60V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7000 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7000 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7000 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7000 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7000 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSM2N7000
60V N-Channel MOSFET
2/4
Version: A07
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 10µA
BVDSS
60
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 1mA
VGS(TH)
0.8
--
3.0
V
Gate Body Leakage
VGS = ±15V, VDS = 0V
IGSS
--
--
±10
nA
Zero Gate Voltage Drain Current
VDS = 48V, VGS = 0V
IDSS
--
--
1.0
µA
VGS = 10V, ID = 500mA
--
--
5.0
Drain-Source On-State Resistance
VGS = 5V, ID = 50mA
RDS(ON)
--
7.5
--
Ω
Forward Transconductance
VDS = 15V, ID = 300mA
gfs
--
320
--
mS
Diode Forward Voltage
IS = 200mA, VGS = 0V
VSD
--
1.3
1.5
V
Dynamic
b
Input Capacitance
Ciss
--
60
--
Output Capacitance
Coss
--
25
--
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Crss
--
5
--
pF
Switching
c
Turn-On Rise Time
tr
--
10
--
Turn-Off Fall Time
VDD = 15V, RL = 30Ω,
ID = 500mA,
VGEN = 10V, RG = 25Ω
tf
--
10
--
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM2N7000

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7000 TSC-TSM2N7000 Datasheet
123Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7000CTA3 TSC-TSM2N7000CTA3 Datasheet
123Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7000CTB0 TSC-TSM2N7000CTB0 Datasheet
123Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
   60V N-Channel MOSFET
TSM2N7000K TSC-TSM2N7000K Datasheet
168Kb / 6P
   60V N-Channel MOSFET
More results

Similar Description - TSM2N7000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com