Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55B5V6 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55B5V6
Description  0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55B5V6 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZV55B5V6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55B5V6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55B5V6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55B5V6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Typical Change of Working Voltage under Operating
Conditions at Tamb=25°C
Figure 3. Typical Change of Working Voltage vs. Junction
Temperature
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
200
80
40
10
15
20
1
10
100
1000
V
Z - Z-Voltage (V)
25
T
j = 25 °C
I
Z = 5 mA
0
5
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
T
j - Junction Temperature (°C)
240
0
V
Ztn = VZt/VZ (25 °C)
0
TK
VZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
Figure 4. Temperature Coefficient of Vz vs. Z-Voltage
Figure 5. Diode Capacitance vs. Z-Voltage
Figure 6. Forward Current vs. Forward Voltage
30
- 5
0
5
10
15
V
Z - Z-Voltage (V)
50
40
I
Z = 5 mA
10
20
0
10
15
0
50
100
150
200
V
Z - Z-Voltage (V)
25
20
T
j = 25 °C
V
R = 2 V
0
5
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
V
F - Forward Voltage (V)
T
j = 25 °C
RATINGS AND CHARACTERISTIC CURVES (BZV55B SERIES)
Version: B07


Similar Part No. - BZV55B5V6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZV55B5V6 EIC-BZV55B5V6 Datasheet
37Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B5V6 TSC-BZV55B5V6 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Ping Sheng Ele...
BZV55B5V6 PFS-BZV55B5V6 Datasheet
284Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B5V6 TSC-BZV55B5V6 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
logo
Shenzhen Luguang Electr...
BZV55B5V6 LUGUANG-BZV55B5V6 Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
More results

Similar Description - BZV55B5V6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C2V0 TSC-BZV55C2V0 Datasheet
70Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55B TSC-BZT55B Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55C TSC-BZT55C Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B2V4 TSC-BZV55B2V4 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com