Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55B2V2 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55B2V2
Description  0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B2V2 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT55B2V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B2V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B2V2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B2V2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZT55B2V0
1.96
2.04
5
100
1.0
600
50
1.0
BZT55B2V2
2.16
2.24
5
100
1.0
600
50
1.0
BZT55B2V4
2.35
2.45
5
85
1.0
600
50
1.0
BZT55B2V7
2.65
2.75
5
85
1.0
600
10
1.0
BZT55B3V0
2.94
3.06
5
85
1.0
600
4
1.0
BZT55B3V3
3.23
3.37
5
85
1.0
600
2
1.0
BZT55B3V6
3.53
3.67
5
85
1.0
600
2
1.0
BZT55B3V9
3.82
3.98
5
85
1.0
600
2
1.0
BZT55B4V3
4.21
4.39
5
75
1.0
600
1
1.0
BZT55B4V7
4.61
4.79
5
60
1.0
600
0.5
1.0
BZT55B5V1
5.00
5.2
5
35
1.0
550
0.1
1.0
BZT55B5V6
5.49
5.71
5
25
1.0
450
0.1
1.0
BZT55B6V2
6.08
6.32
5
10
1.0
200
0.1
2.0
BZT55B6V8
6.66
6.94
5
8
1.0
150
0.1
3.0
BZT55B7V5
7.35
7.65
5
7
1.0
50
0.1
5.0
BZT55B8V2
8.04
8.36
5
7
1.0
50
0.1
6.2
BZT55B9V1
8.92
9.28
5
10
1.0
50
0.1
6.8
BZT55B10
9.80
10.2
5
15
1.0
70
0.1
7.5
BZT55B11
10.40
11.22
5
20
1.0
70
0.1
8.2
BZT55B12
11.40
12.24
5
20
1.0
90
0.1
9.1
BZT55B13
12.74
13.26
5
26
1.0
110
0.1
10
BZT55B15
14.70
15.30
5
30
1.0
110
0.1
11
BZT55B16
15.68
16.32
5
40
1.0
170
0.1
12
BZT55B18
17.64
18.36
5
50
1.0
170
0.1
13
BZT55B20
19.60
20.40
5
55
1.0
220
0.1
15
BZT55B22
21.56
22.44
5
55
1.0
220
0.1
16
BZT55B24
23.52
24.48
5
80
1.0
220
0.1
18
BZT55B27
26.46
27.54
2
80
1.0
220
0.1
20
BZT55B30
29.40
30.60
2
80
1.0
220
0.1
22
BZT55B33
32.34
33.66
2
80
1.0
220
0.1
24
BZT55B36
35.28
36.72
2
80
1.0
220
0.1
27
BZT55B39
38.22
39.78
2
90
0.5
500
0.1
28
BZT55B43
42.14
43.86
2
90
0.5
600
0.1
32
BZT55B47
46.06
47.94
2
110
0.5
700
0.1
35
BZT55B51
49.98
52.02
2
125
0.5
700
0.1
38
BZT55B56
54.88
57.12
2
135
0.5
1000
0.1
42
BZT55B62
60.76
63.24
2.5
150
0.5
1000
0.1
47
BZT55B68
66.64
69.36
2.5
160
0.5
1000
0.1
51
BZT55B75
73.50
76.50
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0v Maximum @ IF=100mA for all types.
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. The zener impedance is derived from the 60-cycle ac voltage, which results
when an ac current having an rms value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
Version: B07
(Volts)
VZ @ IZT


Similar Part No. - BZT55B2V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT55B2V4 VISHAY-BZT55B2V4 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55B2V4 SEMTECH_ELEC-BZT55B2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT55B2V4 VISHAY-BZT55B2V4 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
BZT55B2V4 VISHAY-BZT55B2V4 Datasheet
117Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B2V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C2V0 TSC-BZV55C2V0 Datasheet
70Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55C TSC-BZT55C Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B2V4 TSC-BZV55B2V4 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B TSC-BZV55B Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com