Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZL52C33 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C33
Description  200mW SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C33 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (TSZL52C2 THRU TSZL52C39)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
150
125
100
75
50
25
Fig.9 STEADY STATE POWER DERATING
O
TEMPERATURE( C)
ZENER VOLTAGE,Volts
ZENER VOLTAGE,Volts
Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
0.01
0.1
1
10
100
0
2
4
6
8
10
12
O
TA =25 C
0.01
0.1
1
10
100
10
50
30
20
40
O
TA =25 C
Version: A07


Similar Part No. - TSZL52C33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C33 TSC-TSZL52C33 Datasheet
144Kb / 6P
   SMD Zener Diode
More results

Similar Description - TSZL52C33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K_14 Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com