Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZL52C30 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C30
Description  200mW SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C30 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (TSZL52C2 THRU TSZL52C39)
Fig.1 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS
-4
6
5
4
3
2
1
0
1
-2
-3
2
12
11
10
9
8
7
6
5
4
3
7
Fig.6 TYPICAL CAPACITANCE
NORMAL ZENER VOLTAGE,VOLTS
0
10
20
30
40
0
50
100
150
200
250
300
350
400
O
TA =25 C
Fig.3 EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
NORMALL ZENER VOLTAGE,VOLTS
50
1
10
1
10
100
1000
O
TJ=25 C
IZ (AC)0.1IZ (DC)
F=1kHZ
IZ=20mA
IZ=1mA
IZ=5mA
Fig.5 TYPICAL LEAKAGE CURRENT
NOMINAL ZENER VOLTAGE,Volts
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
5
10
15
20
25
30
35
40
45
O
-55 C
FORWARD VOLTAGE, Volts
Fig.4 TYPICAL FORWARD VOLTAGE
0.4
1
10
100
1000
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Fig.2 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS
100
10
50
10
1
30
20
40
Version: A07


Similar Part No. - TSZL52C30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C30 TSC-TSZL52C30 Datasheet
144Kb / 6P
   SMD Zener Diode
More results

Similar Description - TSZL52C30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K_14 Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com