Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2CA-AN4D Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2CA-AN4D
Description  Linear Output Proximity Sensor with High-accuracy Resolution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2CA-AN4D Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2CA-AN4D Datasheet HTML 1Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 2Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 3Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 4Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 5Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 6Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 7Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 8Page - Omron Electronics LLC E2CA-AN4D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E2CA
E2CA
4
Sensor model
E2CA-X5A
E2CA-X10A
Item
Amplifier model
E2CA-AN4E
E2CA-AL4E
E2CA-AN4F
E2CA-AL4F
Supply voltage (operating voltage range)
100 to 240 VAC
50/60 Hz
(90 to 264 VAC)
12 to 24 VDC
(10 to 30 VDC),
ripple (p-p): 10%
max.
100 to 240 VAC
50/60 Hz
(90 to 264 VAC)
12 to 24 VDC
(10 to 30 VDC),
ripple (p-p): 10%
max.
Current consumption
60 mA max.
70 mA max.
60 mA max.
70 mA max.
Sensing object
Ferrous metal
Sensing range (with standard sensing
object)
1 to 5 mm (18 x 18 x 1 mm iron)
2 to 10 mm (30 x 30 x 1 mm iron)
Linear output
h
t i ti
Resolution
0.05% FS
p
characteristics
Linearity
‒1.5% FS
‒2% FS
Response frequency
(see note 1)
5 kHz (--1 dB)
3 kHz (--1 dB)
Switching output
h
t i ti
Differential travel
2% to 5% of rated sensing distance
g
p
characteristics
Response frequency
(see note 2)
350 Hz
100 Hz
Sensitivity
adjustment
f
i
Sensitivity adjustment
(switching output)
Adjustments of switching output within sensing range
adjust e t
function
Linear output
current
4 mA
4-mA adjustment at 20% of rated sensing distance
current
adjustment
20 mA 20-mA adjustment at rated sensing distance
Output
Linear output
(see note 3)
4 to 20 mA (with permissible load resistance of 0 to 300
Y)
Switching output
100 mA max. transistor photocoupler output at 40 VDC with max. residual voltage of 2 V
Switching output mode
Normally open or normally closed (selectable with selector on front panel)
Cord length compensation
3 or 5 m (selectable with selector on front panel)
Indicators
POWER, SPAN (linear range), and OPER (switching output) indicators
Ambient temperature
Operating: --25
flC to 70flC (Sensor) and --10flC to 55flC (Amplifier) with no icing
Ambient humidity
Operating: 35% to 95% (Sensor) and 35% to 85% (Amplifier)
Temperature influence
‒10% FS max. of sensing distance at 23flC in the rated ambient operating temperature
range of --10
flC and 40flC
Voltage influence
DC power supply model:
‒0.5% FS max. of linear output current at a voltage between
80% and 120% of the rated power supply voltage
AC power supply model:
‒0.5% FS max. of linear output current at a voltage between
90% and 110% of the rated power supply voltage
Insulation resistance
50 M
Y min. (at 500 VDC) between the case and current carry parts
Dielectric strength
DC power supply model: 1,000 VAC (50/60 Hz) for 1 min between current carry parts
and case
AC power supply model: 1,500 VAC (50/60 Hz) for 1 min between current carry parts
and case
Vibration resistance
Sensor (destruction): 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and
Z directions
Amplifier (destruction): 10 to 25 Hz, 2-mm double amplitude for 2 hours each in X, Y, and
Z directions
Shock resistance
Sensor (destruction): 500 m/s2 (approx. 50G) 3 times each in X, Y, and Z directions
Amplifier (destruction): 100 m/s2 (approx. 10G) 3 times each in X, Y, and Z directions
Degree of Protection
Sensor: IEC60529 IP67 (JEM IP67g waterproof and oil-proof)
Cord length
Sensor: 2-conductor, 3-m-long (standard length) or 5-m-long shielded cord
Weight
(
t 4)
Sensor
Approx. 60 g
Approx. 160 g
g
(see note 4)
Amplifier
Approx. 250 g
Approx. 140 g
Approx. 250 g
Approx. 140 g
Material
Case
Brass
Sensing surface
ABS resin
Cord
Polyethylene
Note:
1. This is a frequency decreasing the level of linear output current by 1 dB.
2. This is a response frequency measured in accordance with CENELEC standards.
3. The maximum load impedance of the E2CA-AL4 is 150
Y at a supply voltage of 12 V.
4. The weight includes the 3-m-long cord. The weights of the Amplifiers do not include connecting sockets.


Similar Part No. - E2CA-AN4D

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
E2C YEASHIN-E2C Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
Omron Electronics LLC
E2C OMRON-E2C Datasheet
396Kb / 15P
   Miniature Inductive Prox
logo
List of Unclassifed Man...
E2C-10-20-038-0 ETC2-E2C-10-20-038-0 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
More results

Similar Description - E2CA-AN4D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
   High Resolution Digital Proximity Sensor With I2C Interface
01-Jan-2022
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
   High Resolution Digital Proximity Sensor With I2C Interface
01-Jan-2023
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
   HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
logo
MultiDimension Technolo...
AMR2501 MULTIDIMENSION-AMR2501 Datasheet
882Kb / 8P
   High Accuracy, Low Noise Linear Magnetic Sensor
Version 2.0
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
MultiDimension Technolo...
AMR2302 MULTIDIMENSION-AMR2302 Datasheet
896Kb / 8P
   High Accuracy, Low Noise Dual Axis Linear Magnetic Sensor
Version 2.0
logo
Diodes Incorporated
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com