Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74AS258M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74AS258M
Description  3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS258M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74AS258M Datasheet HTML 1Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 2Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 3Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 4Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 5Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 6Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 7Page - Fairchild Semiconductor DM74AS258M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74AS257, DM74AS258 Rev. 1.2
4
Electrical Characteristics
Over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Note:
1. The output conditions have been chosen to produce a current that closely approximates one half of the true
short-circuit output current, IOS.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = –18 mA
–1.2
V
VOH
HIGH Level Output Voltage
VCC = 4.5V, IOH = Max
2.4
3.2
V
IOH = –2 mA, VCC = 4.5V to 5.5V
VCC – 2
VOL
LOW Level Output Voltage
VCC = 4.5V, IOL = Max
0.35
0.5
V
II
Input Current @ Max. Input
Voltage
VCC = 5.5V, VIH = 7V
A, B, G
0.1
mA
Select
0.2
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V A, B, G
20
µA
Select
40
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V Select
–1
mA
All Others
–0.5
IO
(1)
Output Drive Current
VCC = 5.5V, VO = 2.25V
–30
–112
mA
IOZH
Off-State Output Current,
HIGH Level Voltage Applied
VCC = 5.5V, VO = 2.7V
–50
µA
IOZL
Off-State Output Current,
LOW Level Voltage Applied
VCC = 5.5V, VO = 0.4V
–50
µA
ICCH
Supply Current DM74AS257
VCC = 5.5V,
Outputs Open
Outputs HIGH
12.9
19.7
mA
DM74AS258
8.8
13.5
ICCL
Supply Current DM74AS257
Outputs LOW
19
30.6
mA
DM74AS258
15.8
24.6
ICCZ
Supply Current DM74AS257
Outputs
Disabled
19.7
31.9
mA
DM74AS258
15.5
25.2


Similar Part No. - DM74AS258M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS258M FAIRCHILD-DM74AS258M Datasheet
60Kb / 6P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
More results

Similar Description - DM74AS258M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS257 FAIRCHILD-DM74AS257 Datasheet
60Kb / 6P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
logo
Fairchild Semiconductor
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com