Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800AT90ZA5T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W800AT90ZA5T
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT90ZA5T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W800AT90ZA5T Datasheet HTML 7Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 8Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 9Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 10Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 11Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 12Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 13Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 14Page - STMicroelectronics M29W800AT90ZA5T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11/40
M29W800AT, M29W800AB
Table 4. User Bus Operations (1)
Note: 1. X = VIL or VIH.
2. Block Address must be given an A12-A18 bits.
3. See Table 6., Read Block Protection with AS Instruction.
4. Operation performed on programming equipment.
Table 5. Read Electronic Signature (following AS instruction or with A9 = VID)
Table 6. Read Block Protection with AS Instruction
Operation
E
G
W
RP
BYTE
A0
A1
A6
A9
A12
A15
DQ0-
DQ7
DQ8-
DQ14
DQ15
A–1
Read Word
VIL
VIL
VIH
VIH
VIH
A0
A1
A6
A9
A12
A15
Data
Output
Data
Output
Data
Output
Read Byte
VIL
VIL
VIH
VIH
VIL
A0
A1
A6
A9
A12
A15
Data
Output
Hi-Z
Address
Input
Write Word
VIL VIH
VIL
VIH
VIH
A0
A1
A6
A9
A12
A15
Data
Input
Data
Input
Data
Input
Write Byte
VIL VIH
VIL
VIH
VIL
A0
A1
A6
A9
A12
A15
Data
Input
Hi-Z
Address
Input
Output Disable
VIL VIH
VIH
VIH
X
X
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Stan-by
VIH
XX
VIH
X
X
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Reset
X
X
X
VIL
X
X
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Block
Protection (2,4)
VIL VID VIL Pulse VIH
XX
X
X
VID
XX
X
X
X
Blocks
Unprotection (4)
VID VID VIL Pulse VIH
XX
X
X
VID
VIH
VIH
XX
X
Block
Protection
Verify (2,4)
VIL
VIL
VIH
VIH
X
VIL VIH VIL VID A12
A15
Block
Protect
Status(3)
XX
Block
Unprotection
Verify (2,4)
VIL VIL
VIH
VIH
X
VIL VIH VIH VID A12
A15
Block
Protect
Status(3)
XX
Block
Temporary
Unprotection
XX
X
VID
X
X
XXX
X
X
X
X
X
Org.
Code
Device
E
G
W
BYTE
A0
A1
Other
Addresses
DQ0-
DQ7
DQ8-
DQ14
DQ15
A–1
Word-
wide
Manufact.
Code
VIL
VIL
VIH
VIH
VIL
VIL
Don’t Care
20h
00h
0
Device
Code
M29W800AT
VIL
VIL
VIH
VIH
VIH
VIL
Don’t Care
D7h
00h
0
M29W800AB
VIL
VIL
VIH
VIH
VIH
VIL
Don’t Care
5Bh
00h
0
Code
E
G
W
A0
A1
A12-A18
Other
Addresses
DQ0-DQ7
Protected Block
VIL
VIL
VIH
VIL
VIH
Block Address
Don’t Care
01h
Unprotected Block
VIL
VIL
VIH
VIL
VIH
Block Address
Don’t Care
00h


Similar Part No. - M29W800AT90ZA5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AT90ZA5T STMICROELECTRONICS-M29W800AT90ZA5T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AT90ZA5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com