Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS823 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS823
Description  Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS823 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS823 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS823/824/825 Series
Microprocessor Supervisory Circuit
with Watchdog Timer & Manual Reset
2/8
Version: B07
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input Supply Voltage
Vdd
1.0
--
5.5
V
Supply Current
WDI and MRB unconnected
Idd
--
3
10
uA
TS823/824/825CX5A
4.56
4.63
4.7
TS823/824/825CX5B
4.31
4.38
4.45
TS823/824/825CX5D
3.03
3.08
3.13
TS823/824/825CX5E
2.89
2.93
2.97
TS823/824/825CX5F
2.59
2.63
2.67
TS823/824/825CX5G
2.28
2.32
2.36
Reset Threshold
TS823/824/825CX5H
VTH
2.15
2.19
2.23
V
RESET Output Voltage Low
Vdd<VTH(MIN), ISINK =1.2mA,
VOL
--
--
0.5
V
(RESET) Output Voltage High
Vdd>VTH(MAX), ISOURCE=0.5mA
VOH
0.8 Vdd
--
--
V
Vdd to Reset Delay
Vdd =VTH - 100mV
TD1
--
40
--
uS
Reset Active Timeout Period
Ta=-40
oC ~+85oC
TD2
140
210
280
mS
Watchdog Timeout Period
TWD
1120
1760
2400
mS
WDI Pulse Width
TWDI
50
--
--
nS
WDIIL
--
--
0.7
V
WDI Input Threshold
Vdd = VTH x 1.2
WDIIH
0.8 Vdd
--
--
V
WDI =0V
IIL
-15
-8
0.7
uA
WDI Input Current
WDI =Vdd = 5V
IIH
--
8
15
uA
MRIL
--
--
0.7
V
MR Input Threshold
Vdd=VTH x 1.2
MRIH
0.8 Vdd
--
--
V
MR Pulse Width
TWMR
1
--
--
uS
MR Noise Immunity
Pulse width with no reset
--
100
--
nS
MR to Reset Delay
Vdd = VTH - 100mV
TDMR
--
500
--
nS
MR Pull Up Resistance
80
--
120
Input Supply Voltage
Ta=-40
oC~+85oC
VCC
1.0
--
5.5
V
Detail Description
Pin Function
Pin Name
Pin Description
Reset
Active Low
GND
Ground
(Reset)
Active High
MR
This pin is active low. Pulling this pin low to forces a reset. After a low to high transition reset remains
asserted for exactly one reset timeout period. This pin is internally pulled high. If this function is unused
then float this pin or tie it to Vdd.
WDI
Watch Dog Input. Any transition on this pin will reset the Watch Dog timer. If this pin remains high or
low for longer than the Watch Dog interval then a reset is asserted. Float or tri-state this pin to disable
the Watch Dog feature.
Vdd
Positive power supply. A reset is asserted after this voltage drops below a predetermined level. After
Vdd rises above that level reset remains asserted until the end of the reset timeout period.


Similar Part No. - TS823

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823CX5A TSC-TS823CX5A Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823CX5B TSC-TS823CX5B Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823CX5D TSC-TS823CX5D Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823CX5E TSC-TS823CX5E Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results

Similar Description - TS823

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com