Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV8151 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV8151
Description  10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8151 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV8151_07 Datasheet HTML 1Page - Texas Instruments SN74LV8151_07 Datasheet HTML 2Page - Texas Instruments SN74LV8151_07 Datasheet HTML 3Page - Texas Instruments SN74LV8151_07 Datasheet HTML 4Page - Texas Instruments SN74LV8151_07 Datasheet HTML 5Page - Texas Instruments SN74LV8151_07 Datasheet HTML 6Page - Texas Instruments SN74LV8151_07 Datasheet HTML 7Page - Texas Instruments SN74LV8151_07 Datasheet HTML 8Page - Texas Instruments SN74LV8151_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74LV8151
10BIT UNIVERSAL SCHMITT TRIGGER BUFFER
WITH 3STATE OUTPUTS
SCES610 − OCTOBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VT+
2.5 V
1.75
VT+
Positive-going input
threshold voltage
A, B, and D inputs
3.3 V
2.31
V
Positive-going input
threshold voltage
A, B, and D inputs
5 V
3.5
V
VT−
2.5 V
0.75
VT−
Negative-going input
threshold voltage
A, B, and D inputs
3.3 V
0.99
V
Negative-going input
threshold voltage
A, B, and D inputs
5 V
1.5
V
∆VT
2.5 V
0.25
1
∆VT
Hysteresis
(V
− V
)
A, B, and D inputs
3.3 V
0.33
1.32
V
Hysteresis
(VT+ − VT−)
A, B, and D inputs
5 V
0.5
2
V
IOH = −50 µA
2 V to 5.5 V
VCC − 0.1
VOH
IOH = −2 mA
2.3 V
2
V
VOH
IOH = −6 mA
3 V
2.48
V
IOH = −12 mA
4.5 V
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
VOL
IOL = 2 mA
2.3 V
0.4
V
VOL
IOL = 6 mA
3 V
0.44
V
IOL = 12 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
µA
Ci
VI = VCC or GND
3.3 V
3
pF
Ci
VI = VCC or GND
5 V
3
pF
Co
VO = VCC or GND
3.3 V
5
pF
Co
VO = VCC or GND
5 V
5
pF
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TYP
MIN
MAX
UNIT
A or B
P or N
22
1
45
tpd
D
Y
23
1
49
ns
tpd
T/C
Y
CL = 15 pF
24
1
50
ns
ten
OE
Y
CL = 15 pF
12
1
25
ns
tdis
OE
Y
11
1
20
ns
A or B
P or N
26
1
52
tpd
D
Y
28
1
57
ns
tpd
T/C
Y
CL = 50 pF
29
1
58
ns
ten
OE
Y
CL = 50 pF
15
1
30
ns
tdis
OE
Y
15
1
26
ns


Similar Part No. - SN74LV8151_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8151 TI-SN74LV8151_08 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV8151_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8151 TI-SN74LV8151 Datasheet
292Kb / 14P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151_08 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
   5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9541P TOSHIBA-TC74VHC9541P Datasheet
222Kb / 10P
   Octal Universal Schmitt Buffer with 3-State Outputs
TC74VHCT9541AFK TOSHIBA-TC74VHCT9541AFK Datasheet
336Kb / 7P
   Octal Universal Schmitt Buffer with 3-State Outputs
2019-01-31
logo
Texas Instruments
SN74AHC8541 TI1-SN74AHC8541 Datasheet
364Kb / 9P
[Old version datasheet]   8-BIT INVERTING/NON-INVERTING SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74HCS126 TI1-SN74HCS126 Datasheet
1,001Kb / 21P
[Old version datasheet]   SN74HCS126 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com