Part Name
         Description
A8504

 WLED/RGB Backlight Driver for Medium Size LCDs ( 18 Page)


ALLEGRO
100% 
Zoom Out Zoom In
 
 4 page
background image
WLED/RGB Backlight Driver for Medium Size LCDs
A8504
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS
, valid at TA = –40°C to 85°C, typical values at TA = 25°C, VIN = 5 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
VIN
4.2
5.5
V
Undervoltage Lockout Threshold
VUVLO
VIN falling
4
V
UVLO Hysteresis Window
VUVLOhys
0.2
V
Supply Current
ISUP
Switching at no load, TA = 25°C
5
mA
Shutdown PWM = VIL
0.1
1
μA
Error Amplifier
Error Amplifier Open Loop Gain
AVEA
–60–
dB
Error Amplifier Unity Gain Bandwidth
UGBEA
–3–
MHz
Error Amplifier Transconductance
GmEA
∆ICOMP = ±10 μA
850
μA/V
Error Amplifier Output Sink Current
IEAsink
VLED1-8 = 1 V
280
μA
Error Amplifier Output Source Current
IEAsource
VLED1-8 = 0 V
–280
μA
Boost Controller
Switching Frequency
fSW
RFSET = 13 kΩ, SKIP = VIL
1.8
2
2.2
MHz
RFSET = 26.1 kΩ, SKIP = VIL
–1–
MHz
RFSET = 32.4 kΩ, SKIP = VIH
200
kHz
Minimum Switch Off-Time
tOFFmin
–70–
ns
Logic Input Levels (PWM, SELx, and SKIP pins unless otherwise specified)
Input Voltage Level Low
VIL
0.4
V
Input Voltage Level High
VIH
1.5
V
Input Leakage Current (PWM, and SKIP
pins)
IIleak
VI(pin) = 5 V, TA = 25°C
100
μA
Input Leakage Current (SELx pins)
ISELleak
––1
μA
Over Voltage Protection (OVP)
Output Overvoltage Rising Limit
VOVP
28
32
V
OVP Sense Current
IOVPH
–49–
μA
OVP Release Current
IOVPL
–44–
μA
OVP Leakage Current
IOVPleak
VVOP = 21 V
0.1
μA
Boost Switch
Switch On Resistance
Rds(on)
ISW = 1.5 A
225
Switch Leakage Current
ISWleak
VSW = 5 V, TA = 25°C
1
μA
VSW = 21 V
1
μA
Switch Current Limit
ISWlim
1.6
2
A
Continued on the next page…



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A8500Flexible WLED/RGB Backlight Driver for Medium Size LCDs 1 2 3 4 5 MoreAllegro MicroSystems
BD6583MUVStep-up DC/DC converter for medium size LCD panel 1 2 3 4 5 Rohm
MAX8798Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs 1 2 3 4 5 MoreMaxim Integrated Products
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
AS3693A16 channel high precision LED driver for LCD backlight 1 2 3 austriamicrosystems AG
AS369412 channel high precision LED driver for LCD backlight and 3 DCDC Step Up controller 1 2 3 austriamicrosystems AG
ME2113BBLUE SIDE BACKLIGHT FOR LCD DISPLAY 1 2 Micro Electronics
AAT2845AFour-Channel Backlight Driver with Dual LDOs 1 2 3 4 5 MoreAdvanced Analogic Technologies
NCP3418BMOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor
VLA504-01RDRIVER FOR IGBT MODULES 1 2 3 4 5 MoreIsahaya Electronics Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl