Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8481EEJTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8481EEJTR-T
Description  Dual Output Boost Regulator Using Single Inductor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8481EEJTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8481EEJTR-T Datasheet HTML 1Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 2Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 3Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 7Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 8Page - Allegro MicroSystems A8481EEJTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual Output Boost Regulator Using Single Inductor
A8481
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Ordering Information
Use the following complete part numbers when ordering:
Part Number
Packinga
Description
A8481EEJTR-Tb
7-in. reel, 1500 pieces/reel
EJ package, MLP/DFN(SON) leadless surface mount
with exposed thermal pad
aContact Allegro for additional packing options.
bLead (Pb) free, with leadframe plating 100% matte tin.
Absolute Maximum Ratings
RθJA = 45 °C/W, on a 4-layer board. Additional information is
available on the Allegro Web site.
Package Thermal Characteristics
Input or Output Voltage
SW, CAP, OUT1, OUT2 pins ..................................–0.3 to 26 V
VIN pin,VIN............................................................–0.3 to 9.5 V
All other pins, Vx ....................... –0.3 to VIN+0.3 V (7 V max.)
Operating Ambient Temperature, TA ................................ –40°C to 85°C
Maximum Junction Temperature, TJ(max)...................................... 150°C
Storage Temperature, TS .............................................. –55°C to 150°C
VIN
SW
FB1
CAP
OUT1
OUT2
Clock
0.6 V
Current Regulator
0.6 V
FB1
OUT2
0.3 V
VREF1
On/Off
Logic
Soft
Start
Select MIN
and
Error Amplifier
IREF
ISET
Decoder
Ramp
Drive
S1
S2
S3
C1
r
Temp
UVLO
VCAP
C4
C2
C5
C3
S
Oscillator
Fault
Protection
ON1
ON2
R
Q
GND
ISET
Functional Block Diagram


Similar Part No. - A8481EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8480 ALLEGRO-A8480 Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8480ECGLT-Tb ALLEGRO-A8480ECGLT-Tb Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8480EEJTR-T ALLEGRO-A8480EEJTR-T Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
A8483 ALLEGRO-A8483 Datasheet
328Kb / 9P
   1.2 MHz Step-up Converter for Display Bias Supply
A8483 ALLEGRO-A8483 Datasheet
288Kb / 10P
   1.2 MHz Step-up Converter for Display Bias Supply
More results

Similar Description - A8481EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS65135RTER TI1-TPS65135RTER Datasheet
1Mb / 20P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator
TPS65135_15 TI-TPS65135_15_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS65135 Single-Inductor, Multiple-Output Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com