Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33800R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33800R2
Description  Engine Control Integrated Circuit
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33800R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33800R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33800R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33800
PIN CONNECTIONS
39
PGND3
Ground
OSS 3-8 Ground
This PGND pins provide a dedicated ground for the Octal Serial Switch
(OSS) low side driver outputs 3 - 8.
44
PGND2
Ground
OSS 2 Ground
This PGND pin provides a dedicated ground for the Octal Serial Switch
(OSS) low side driver output 2.
46
PGND1
Ground
OSS 1 Ground
This PGND pin provides a dedicated ground for the Octal Serial Switch
(OSS) low side driver output 1.
47
REXT
Output
Resistor External
Reference
The REXT pin is used to generate a reference current.
_
_
Ground
Exposed Pad Ground
The package exposed pad provides thermal conductivity for the die and
should be grounded to system ground.
Table 1. 33800 Pin Definitions(continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 16.
Pin Number
Pin Name
Pin Function
Formal Name
Definition


Similar Part No. - MCZ33800R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33810EK FREESCALE-MCZ33810EK Datasheet
1Mb / 35P
   Automotive Engine Control IC
MCZ33810EK FREESCALE-MCZ33810EK Datasheet
1Mb / 37P
   Automotive Engine Control IC Quad injector driver with Parallel/SPI control
MCZ33810EK/R2 FREESCALE-MCZ33810EK/R2 Datasheet
2Mb / 35P
   Automotive Engine Control IC
MCZ33810R2 FREESCALE-MCZ33810R2 Datasheet
1Mb / 37P
   Automotive Engine Control IC Quad injector driver with Parallel/SPI control
MCZ33811EG FREESCALE-MCZ33811EG Datasheet
965Kb / 18P
   Solenoid Monitor Integrated Circuit (IC)
More results

Similar Description - MCZ33800R2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
logo
Fairchild Semiconductor
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
Fairchild Semiconductor
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com