Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ08SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ08SC
Description  Quiet Series??Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ08SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ08SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
May 2007
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ08 Rev. 1.3
74ACTQ08
Quiet Series™ Quad 2-Input AND Gate
Features
ICC reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Improved latch-up immunity
Outputs source/sink 24mA
TTL-compatible inputs
General Description
The ACTQ08 contains four, 2-input AND gates and
utilizes Fairchild Quiet Series™ technology to guarantee
quiet output switching and improved dynamic threshold
performance. FACT Quiet Series™ features GTO™
output control and undershoot corrector in addition to a
split ground bus for superior ACMOS performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order Number
Package
Number
Package Description
74ACTQ08SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow
Body
74ACTQ08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs
FACT™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Similar Part No. - 74ACTQ08SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ08SC FAIRCHILD-74ACTQ08SC Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
More results

Similar Description - 74ACTQ08SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com