Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CPQ050PBF Datasheet(PDF) 6 Page - International Rectifier

Part # 30CPQ050PBF
Description  SCHOTTKY RECTIFIER 30 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ050PBF Datasheet(HTML) 6 Page - International Rectifier

  30CPQ050PBF Datasheet HTML 1Page - International Rectifier 30CPQ050PBF Datasheet HTML 2Page - International Rectifier 30CPQ050PBF Datasheet HTML 3Page - International Rectifier 30CPQ050PBF Datasheet HTML 4Page - International Rectifier 30CPQ050PBF Datasheet HTML 5Page - International Rectifier 30CPQ050PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
30CPQ050PbF, 30CPQ060PbF
Bulletin PD-20785 rev. A 11/06
6
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 11/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
30
C
P
Q
060 PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (30 = 30A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
P = TO-247
4
-
Schottky "Q" Series
5
-
Voltage Code
6
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 25 pieces
Ordering Information Table
050 = 50V
060 = 60V


Similar Part No. - 30CPQ050PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPQ050PBF VISHAY-30CPQ050PBF Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ050PBF VISHAY-30CPQ050PBF Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 01-Sep-11
More results

Similar Description - 30CPQ050PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ035PBF IRF-30CPQ035PBF Datasheet
238Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
21FQ IRF-21FQ Datasheet
47Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
21FQ040 MICROSEMI-21FQ040 Datasheet
136Kb / 2P
   30 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
30CTQ060STRLPBF IRF-30CTQ060STRLPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
SBR3035 MICROSEMI-SBR3035 Datasheet
120Kb / 2P
   30 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com