Electronic Components Datasheet Search |
|
AAT3238IJS-3.3-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies |
|
AAT3238IJS-3.3-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies |
4 / 14 page Electrical Characteristics1 VIN = VOUT(NOM) + 1V for VOUT options greater than 1.5V. VIN = 2.5V for VOUT ≤ 1.5V. IOUT = 1mA, COUT = 2.2µF, CIN = 1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C. Symbol Description Conditions Min Typ Max Units VOUT Output Voltage Tolerance IOUT = 1mA to 300mA TA = 25°C -1.5 1.5 % TA = -40 to 85°C -2.5 2.5 IOUT Output Current VOUT > 1.2V 300 mA VDO Dropout Voltage2, 3 IOUT = 300mA 400 600 mV ISC Short-Circuit Current VOUT < 0.4V 600 mA IQ Ground Current VIN = 5V, No Load, EN = VIN 70 125 µA ISD Shutdown Current VIN = 5V, EN = 0V 1 µA ΔVOUT/ Line Regulation VIN = VOUT + 1 to 5.0V 0.09 %/V VOUT*ΔVIN ΔVOUT(line) Dynamic Line Regulation VIN = VOUT + 1V to VOUT + 2V, 2.5 mV IOUT = 300mA, TR/TF = 2µs ΔVOUT(load) Dynamic Load Regulation IOUT = 1mA to 300mA, TR < 5µs 60 mV tENDLY Enable Delay Time BYP = Open 15 µs VEN(L) Enable Threshold Low 0.6 V VEN(H) Enable Threshold High 1.5 V IEN Leakage Current on Enable Pin VEN = 5V 1 µA 1kHz 67 PSRR Power Supply Rejection Ratio IOUT = 10mA, CBYP = 10nF 10kHz 47 dB 1MHz 45 TSD Over-Temperature Shutdown 145 °C Threshold THYS Over-Temperature Shutdown 12 °C Hysteresis eN Output Noise 50 µVrms TC Output Voltage Temperature 22 ppm/°C Coefficient AAT3238 300mA MicroPower™ High Performance LDO Linear Regulator 4 3238.2006.11.1.6 1. The AAT3238 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. VDO is defined as VIN - VOUT when VOUT is 98% of nominal. 3. For VOUT < 2.1V, VDO = 2.5V - VOUT. |
Similar Part No. - AAT3238IJS-3.3-T1 |
|
Similar Description - AAT3238IJS-3.3-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |