Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3238IJS-2.7-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3238IJS-2.7-T1
Description  300mA MicroPower??High Performance LDO Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238IJS-2.7-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3238IJS-2.7-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3238IJS-2.7-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AAT3238
300mA MicroPower™
High Performance LDO Linear Regulator
3238.2006.11.1.6
7
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
V
IH and VIL vs. VIN
1.050
1.075
1.100
1.125
1.150
1.175
1.200
1.225
1.250
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
VIH
VIL
Over-Current Protection
-200
0
200
400
600
800
1000
1200
Time (20ms/div)
AAT3238 Self Noise
(COUT = 10
μF, Ceramic)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
Band Power:
300Hz to 50kHz = 44.6
μVrms/rtHz
100Hz to 100kHz = 56.3
μVrms/rtHz


Similar Part No. - AAT3238IJS-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238IJS-2.7-T1 ANALOGICTECH-AAT3238IJS-2.7-T1 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
More results

Similar Description - AAT3238IJS-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com