Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4684ITP-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT4684ITP-T1
Description  Over-Voltage Protection Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4684ITP-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT4684ITP-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4684ITP-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AAT4684
Over-Voltage Protection Switch
OVPSwitchTM
PRODUCT DATASHEET
4684.2007.11.1.1
7
www .analogictech.com
AAT4684
Over-Voltage Protection Switch
OVPSwitchTM
PRODUCT DATASHEET
4684.2007.11.1.1
7
www .analogictech.com
Typical Characteristics
EN Input High Voltage vs. Supply Voltage
Supply Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
3
4
5
6
7
8
9
1011121314
85°C
25°C
-40°C
EN Input Low Voltage vs. Supply Voltage
Supply Voltage (V)
3
4
5
6
7
8
9
1011121314
0.6
0.7
0.8
0.9
1.0
1.1
-40°C
25°C
85°C
Turn Off Delay Time
(VIN = 5.0V, RO = 10
Ω
Ω)
Time (2ms/div)
VOUT
(2V/div)
EN
(2V/div)
0V
4.84V
Turn On Delay Time
(VIN = 5.0V, RO = 10
Ω
Ω)
Time (2ms/div)
VOUT
(2V/div)
EN
(2V/div)
0V
0V


Similar Part No. - AAT4684ITP-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4684 SKYWORKS-AAT4684 Datasheet
708Kb / 14P
   available in tsopjw-12 package
More results

Similar Description - AAT4684ITP-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Kinetic Technologies.
KTS1670 KINETIC-KTS1670 Datasheet
462Kb / 11P
   Adjustable Over-Voltage Protection Switch
May 2018 - Revision 04b
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210C62 WILLSEMI-WS3210C62 Datasheet
764Kb / 8P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com