Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4282AIPS-3-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT4282AIPS-3-T1
Description  Dual Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4282AIPS-3-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT4282AIPS-3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT4282AIPS-3-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AAT4282A
Dual Slew Rate Controlled Load Switch
10
4282A.2007.09.1.1
the internal parasitic diode and allow excessive
current flow into the VOUT pin, possibly damaging
the load switch. In applications where there is a
possibility of V
OUT exceeding VIN for brief periods of
time during normal operation, the use of a larger
value C
IN capacitor is highly recommended. A larg-
er value of C
IN with respect to COUT will effect a
slower C
IN decay rate during shutdown, thus pre-
venting V
OUT from exceeding VIN. In applications
where there is a greater danger of V
OUT exceeding
V
IN for extended periods of time, it is recommend-
ed to place a Schottky diode from V
IN to VOUT (con-
necting the cathode to V
IN and anode to VOUT). The
Schottky diode forward voltage should be less than
0.45V.
Thermal Considerations and High
Output Current Applications
The AAT4282A is designed to deliver a continuous
output load current. The limiting characteristic for
maximum safe operating output load current is
package power dissipation. In order to obtain high
operating currents, careful device layout and circuit
operating conditions must be taken into account.
The following discussions will assume the load
switch is mounted on a printed circuit board utilizing
the minimum recommended footprint as stated in
the Printed Circuit Board Layout Recommendations
section of this datasheet.
At any given ambient temperature (T
A), the maxi-
mum package power dissipation can be deter-
mined by the following equation:
Constants for the AAT4282A are maximum junction
temperature (T
J(MAX) = 125°C) and package ther-
mal resistance (
θ
JA = 70°C/W). Worst case condi-
tions are calculated at the maximum operating tem-
perature, T
A = 85°C. Typical conditions are calcu-
lated under normal ambient conditions where T
A =
25°C. At T
A = 85°C, PD(MAX) = 571mW. At TA =
25°C, P
D(MAX) = 1429mW.
The maximum continuous output current for the
AAT4282A is a function of the package power dis-
sipation and the R
DS of the MOSFET at TJ(MAX). The
maximum RDS of the MOSFET at T
J(MAX) is calcu-
lated by increasing the maximum room tempera-
ture R
DS by the RDS temperature coefficient. The
temperature coefficient (TC) is 2800ppm/°C.
Therefore, at 125°C:
R
DS(MAX) = RDS(25°C) · (1 + TC · ΔT)Ω
R
DS(MAX) = 130mΩ · + 0.002800 · (125°C - 25°C))
R
DS(MAX) = 166.4mΩ
For maximum current, refer to the following equation:
For example, if V
IN = 5V, RDS(MAX) = 166.4mΩ, and
T
A = 25°C, IOUT(MAX) = 2.93A. If the output load cur-
rent were to exceed 2.93A or if the ambient tem-
perature were to increase, the internal die temper-
ature would increase and the device would be
damaged. Higher peak currents can be obtained
with the AAT4282A. To accomplish this, the device
thermal resistance must be reduced by increasing
the heat sink area or by operating the load switch
in a duty cycle manner. Duty cycles with peaks less
than 2ms in duration can be considered using the
method described in the High Peak Current
Applications section of this datasheet.
IOUT(MAX)
PD(MAX)
RDS
<
PD(MAX)
TJ(MAX) - TA
θJA
=
1 The actual maximum junction temperature of AAT4282A is 150°C. However, good designed practice is to derate the maximum die tem-
perature down to 125 °C to prevent the possibility of over-temperature damage.


Similar Part No. - AAT4282AIPS-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4282AIPS-3-T1 ANALOGICTECH-AAT4282AIPS-3-T1 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4282AIPS-3-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
logo
SiGe Semiconductor, Inc...
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4252A ANALOGICTECH-AAT4252A Datasheet
664Kb / 14P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com