Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3164IRN-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3164IRN-T1
Description  High Efficiency 1X/1.5X/2X Charge Pump for Six-Channel White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3164IRN-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3164IRN-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3164IRN-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Additionally, a digital-to-analog converter can be
used with the RSET pin to control the brightness
level. The result is like the equation above, where
VIO is replaced with VDAC:
For cases where PWM dimming is preferred, the
PWM signal can be applied directly to the RSET resis-
tor, as shown in Figure 4. In order for the LED current
to go to zero, the voltage level of the PWM signal
must exceed the RSET pin voltage level of 0.6V.
Figure 4: RSET Configuration for PWM
Dimming Control.
Device Power Efficiency
The AAT3164 power conversion efficiency
depends on the charge pump mode. By definition,
device efficiency is expressed as the output power
delivered to the LEDs divided by the total input
power consumed.
When the input voltage is sufficiently greater than
the LED forward voltages, the device optimizes
efficiency by operating in 1X mode. In 1X mode,
the device is working as a bypass switch and pass-
ing the input supply directly to the output. By sim-
plifying the conditions such that the LEDs have uni-
form VF, the power conversion efficiency can be
approximated by:
Due to the very low 1X mode quiescent current, the
input current nearly equals the total output current
delivered to the LEDs. Further, the low resistance
bypass switch introduces negligible voltage drop
from input to output.
The AAT3164 further maintains optimized perform-
ance and efficiency by detecting when the input
voltage is not sufficient to sustain LED drive cur-
rent. The device automatically switches to 1.5X
mode when the input voltage drops too low in rela-
tion to the LED forward voltages.
In 1.5X mode, the output voltage can be boosted to
3/2 the input voltage. The 3/2 conversion ratio
introduces a corresponding 1/2 increase in input
current. For ideal conversion, the 1.5X mode effi-
ciency is given by:
Similarly, when the input falls further, such that
1.5X mode can no longer sustain LED drive cur-
rent, the device will automatically switch to 2X
mode. In 2X mode, the output voltage can be
boosted to twice the input voltage. The doubling
conversion ratio introduces a corresponding dou-
bling of the input current. For ideal conversion, the
2X mode efficiency is given by:
Additional Applications
The current sinks of the AAT3164 can be combined
to drive higher current levels through a single LED.
As an example, each LED of a three-die arrange-
ment can be driven at 80mA each, or 240mA total
(see Figure 5).
Other applications that require constant current
can also be accommodated by combining constant
current channels to achieve the necessary current
levels.
η =
V
F · ILED
V
IN · 2IIN
V
F
2 · V
IN
η =
V
F · ILED
V
IN · 1.5IIN
V
F
1.5 · V
IN
η =
V
F · ILED
V
IN · IIN
V
F
V
IN
η =
P
OUT
P
IN
AAT3164
RSET
R1
PWM
I
LED(LO) = 870
-
⎛⎞
⎝⎠
0.6
R
1 // R2
V
DAC
R
2
AAT3164
High Efficiency 1X/1.5X/2X Charge Pump for
Six-Channel White LED Applications
3164.2006.07.1.0
11


Similar Part No. - AAT3164IRN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3166 ANALOGICTECH-AAT3166 Datasheet
426Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3166IWP-T1 ANALOGICTECH-AAT3166IWP-T1 Datasheet
426Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3167 ANALOGICTECH-AAT3167 Datasheet
416Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3167 ANALOGICTECH-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3164IRN-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com