Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLZ5230B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ5230B
Description  500mW Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ5230B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LLZ5230B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ5230B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ5230B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
ZZK @ IZK
Device
Vz @ Izt
ZZT @ IZT
= 0.25mA
IR @ VR
(Volts)
IZT
ΩΩ
(uA)
VR
Nom
mA
Max
Max
Max
Volts
LLZ5250B
20
6.2
25
600
0.1
15
LLZ5251B
22
5.6
29
600
0.1
17
LLZ5252B
24
5.2
33
600
0.1
18
LLZ5253B
25
5.0
35
600
0.1
19
LLZ5254B
27
5.0
41
600
0.1
21
LLZ5255B
28
4.5
44
600
0.1
21
LLZ5256B
30
4.2
49
600
0.1
23
LLZ5157B
33
3.8
58
700
0.1
25
LLZ5258B
36
3.4
70
700
0.1
27
LLZ5259B
39
3.2
80
800
0.1
30
LLZ5260B
43
3.0
93
900
0.1
33
LLZ5261B
47
2.7
105
1000
0.1
36
LLZ5262B
51
2.5
125
1100
0.1
39
LLZ5263B
56
2.2
150
1300
0.1
43
Notes:
1. The type numbers listed have zener voltage as shown and have a standard
tolerance on the nominal zener voltae of ±5% in Blue marking, suffix A=±10%
in Orange marking and D=±1% in Yellow marking.
2. For detailed information on price, availability and deliver of nominal zener voltages
between the voltages shown and tighter voltage tolerances.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when
an ac current having an ms value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
Version: A07


Similar Part No. - LLZ5230B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
LLZ5230B YEASHIN-LLZ5230B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5230B TSC-LLZ5230B Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - LLZ5230B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com