Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1276ITP-5.0-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1276ITP-5.0-T1
Description  Boost Converter with USB Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1276ITP-5.0-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1276ITP-5.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1276ITP-5.0-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AAT1276
Boost Converter with USB Power Switch
SwitchRegTM
PRODUCT DATASHEET
1276.2007.11.1.1
9
www .analogictech.com
AAT1276
Boost Converter with USB Power Switch
SwitchRegTM
PRODUCT DATASHEET
1276.2007.11.1.1
9
www .analogictech.com
Functional Description
The AAT1276 is a 500mA synchronous boost converter
with a current-limited load switch targeted for single-cell
Lithium-ion/polymer devices acting as a portable host
for USB power.
The AAT1276 has integrated control and synchronous
MOSFETs, minimizing the cost and the number of exter-
nal components. Additional features include a soft-start
function which allows the load voltage to ramp up in a
controlled manner, eliminating output voltage overshoot
and minimizing inrush current. Typical soft-start time
for the boost converter is approximately 300μs.
The AAT1276 also has a load switch with user-program-
mable current limiting. The load switch reports over-
current and over-temperature conditions through an
open-drain fault reporting signal (FLT). The fault report-
ing signal has a 4ms turn-on delay.
Control Scheme
The control circuit uses hysteretic current mode control
with internal inductor current sensing for very high effi-
ciency over a wide output current range. For heavy load,
the boost converter operates in continuous conduction
mode (CCM). This minimizes the RMS current and opti-
mizes the efficiency at load conditions where the losses
are dominated by the power MOSFET RDS(ON). This also
keeps the ripple current to a minimum and minimizes
the output voltage ripple and the output capacitor size.
A zero current comparator senses the inductor current
and prevents reverse current flow for optimum light load
efficiency.
Functional Block Diagram
Boost Regulator Control
Load Switch Control
FLT
SET
EN
VCC
IN
OUT2
FB
OUT1
SW
LIN
GND


Similar Part No. - AAT1276ITP-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1276ITP-5.0-T1 SKYWORKS-AAT1276ITP-5.0-T1 Datasheet
797Kb / 18P
   Boost Converter with USB Power Switch
More results

Similar Description - AAT1276ITP-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1276 SKYWORKS-AAT1276 Datasheet
797Kb / 18P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com