Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1145 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT1145
Description  1.2A Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1145 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT1145 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT1145
1.2A Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
8
1145.2007.11.1.1
www .analogictech.com
until either the inductor current starts to reverse, as
indicated by the current reversal comparator, IZERO, or
the beginning of the next clock cycle.
Control Loop
The AAT1145 is a peak current mode step-down con-
verter. The current through the P-channel MOSFET (high
side) is sensed for current loop control, as well as short
circuit and overload protection. A slope compensation
signal is added to the sensed current to maintain stabil-
ity for duty cycles greater than 50%. The peak current
mode loop appears as a voltage-programmed current
source in parallel with the output capacitor. The output
of the voltage error amplifier programs the current mode
loop for the necessary peak switch current to force a
constant output voltage for all load and line conditions.
Internal loop compensation terminates the transconduc-
tance voltage error amplifier output. For fixed voltage
versions, the error amplifier reference voltage is inter-
nally set to program the converter output voltage. For
the adjustable output, the error amplifier reference is
fixed at 0.6V.
Soft Start / Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. The enable pin is
active high. When pulled low, the enable input (EN)
forces the AAT1145 into a low-power, non-switching
state. The total input current during shutdown is less
than 1μA.
Current Limit and Over-Temperature
Protection
For overload conditions, the peak input current is limited
to 2.5A. To minimize power dissipation and stresses
under current limit and short-circuit conditions, switch-
ing is terminated after entering current limit for a series
of pulses. The termination lasts for seven consecutive
clock cycles after a current limit has been sensed during
a series of four consecutive clock cycles.
Thermal protection completely disables switching when
internal dissipation becomes excessive. The junction
over-temperature threshold is 170°C with 10°C of hys-
teresis. Once an over-temperature or over-current fault
conditions is removed, the output voltage automatically
recovers.
Dropout Operation
When the battery input voltage decreases near the value
of the output voltage, the AAT1145 allows the main
switch to remain on for more than one switching cycle
and increases the duty cycle until it reaches 100%. The
duty cycle D of a step-down converter is defined as:
· 100%
D = T
ON · FOSC · 100%
V
OUT
V
IN
Where TON is the main switch on time and FOSC is the
oscillator frequency. The output voltage then is the input
voltage minus the voltage drop across the main switch
and the inductor. At low input supply voltage, the RDS(ON)
of the P-channel MOSFET increases, and the efficiency of
the converter decreases. Caution must be exercised to
ensure the heat dissipated does not exceed the maxi-
mum junction temperature of the IC.
Maximum Load Current
The AAT1145 will operate with an input supply voltage as
low as 2.5V, however, the maximum load current
decreases at lower input voltages due to a large IR drop
on the main switch and synchronous rectifier. The slope
compensation signal reduces the peak inductor current
as a function of the duty cycle to prevent sub-harmonic
oscillations at duty cycles greater than 50%. Conversely
the current limit increases as the duty cycle decreases.


Similar Part No. - AAT1145

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1145IDE-0.6-T1 ANALOGICTECH-AAT1145IDE-0.6-T1 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
AAT1145IDE-1.8-T1 ANALOGICTECH-AAT1145IDE-1.8-T1 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
More results

Similar Description - AAT1145

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
   1.2A, 1.5MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3458 EUTECH-EUP3458 Datasheet
109Kb / 1P
   1.2A,30V,1.2MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
Richtek Technology Corp...
RT8258 RICHTEK-RT8258 Datasheet
401Kb / 12P
   1.2A, 24V, 700kHz Step-Down Converter
logo
E-CMOS Corporation
EC4304B E-CMOS-EC4304B Datasheet
212Kb / 11P
   PWM Control 1.2A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com