Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9001 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9001
Description  300mA CMOS LDO with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9001 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9001 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9001 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9001 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9001 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9001 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9001 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS9001 Series
300mA CMOS LDO with Enable
2/6
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
Vin
+7
V
Enable Input Voltage
Vce
Gnd-0.3 ~ Vin+0.3
V
Output Current
Io
Pd / (Vin – Vout)
Power Dissipation
PD
380
mW
Thermal Resistance
Өja
260
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Notes:
a. Stress above the listed absolute rating may cause permanent damage to the device.
Electrical Characteristics (Ta = 25 oC, Io=1mA, Cout=2.2uF, Vce≥2V, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin=Vo + 1V
0.985|Vo|
1.015|Vo|
V
Output Voltage Temperature
Coefficient
--
50
--
ppm/
oC
Maximum Output Current
Vin=Vo+1V,
300
--
--
mA
Line Regulation
Vo+1V ≤ Vin ≤ 7V
--
--
0.3
%/V
Vin=Vo+1V,
1mA≤IL≤300mA
Vout≥2.5V
--
0.2
1.0
Load Regulation
Vin=Vo+1V,
1mA≤IL≤200mA
Vout<2.5V
--
0.2
1.0
%/V
Io=300mA,
Vout=Vo - 2%
Vout≥2.5V
--
300
--
Dropout Voltage
Io=200mA,
Vout=Vo - 2%
Vout<2.5V
--
800
1000
mV
Quiescent Current
Vin≤0.4V (shutdown)
--
2
3
uA
Ground Pin Current
Io=1mA to 300mA
--
30
50
uA
Output Current Limit
Vout=0V
--
450
--
mA
Power Supply Rejection Ratio
At f=1kHz, Io=100mA,
--
60
--
dB
Power Supply Rejection Ratio
At f=1kHz, Io=100mA,
Cbypass=0.01uF
--
75
--
dB
Output Noise
Io=10mA, f=10Hz to 100kHz,
10pF from bypass to Ground
--
30
--
uVrms
Enable Input
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.4
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
VIL≤0.4V
--
0.01
1
Enable Input Current
VIL≥2.0V
--
1
5
uA


Similar Part No. - TS9001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001-1 TOUCHSTONE-TS9001-1 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001-1 SILABS-TS9001-1 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results

Similar Description - TS9001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com