Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2940CP Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS2940CP
Description  1A Ultra Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940CP Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS2940CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS2940CP Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TS2940
1A Ultra Low Dropout Voltage Regulator
7/10
Version: A07
TO-263 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(3.3=3.3V, 5.0=5V)
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
14.605
15.875
0.575
0.625
C
0.508
0.991
0.020
0.039
D
2.420
2.660
0.095
0.105
E
4.064
4.830
0.160
0.190
F
1.118
1.400
0.045
0.055
G
0.450
0.730
0.018
0.029
H
8.280
8.800
0.325
0.346
I
1.140
1.400
0.044
0.055
J
1.480
1.520
0.058
0.060


Similar Part No. - TS2940CP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940CP TSC-TS2940CP Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CP1.8 TSC-TS2940CP1.8 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CP18 TSC-TS2940CP18 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CP2.5 TSC-TS2940CP2.5 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CP25 TSC-TS2940CP25 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS2940CP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
   Ultra-Low Dropout 1A Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
   1A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com