Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891S0103J008 Datasheet(PDF) 10 Page - EPCOS

Part # B57891S0103J008
Description  Leaded NTCs, lead spacing 2.5 mm
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891S0103J008 Datasheet(HTML) 10 Page - EPCOS

Back Button B57891S0103J008 Datasheet HTML 6Page - EPCOS B57891S0103J008 Datasheet HTML 7Page - EPCOS B57891S0103J008 Datasheet HTML 8Page - EPCOS B57891S0103J008 Datasheet HTML 9Page - EPCOS B57891S0103J008 Datasheet HTML 10Page - EPCOS B57891S0103J008 Datasheet HTML 11Page - EPCOS B57891S0103J008 Datasheet HTML 12Page - EPCOS B57891S0103J008 Datasheet HTML 13Page - EPCOS B57891S0103J008 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
B57891S0502J008
R/T No.
2003
T (
°C)
B25/100 = 3980 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
487890
439370
536410
9.9
1.3
7.4
50.0
338250
306000
370510
9.5
1.3
7.2
45.0
237690
215950
259430
9.1
1.3
6.9
40.0
169160
154320
184000
8.8
1.3
6.7
35.0
121800
111550
132040
8.4
1.3
6.5
30.0
88766
81603
95929
8.1
1.3
6.2
25.0
65333
60276
70389
7.7
1.3
6.0
20.0
48614
45005
52223
7.4
1.3
5.8
15.0
36503
33904
39101
7.1
1.3
5.6
10.0
27680
25791
29570
6.8
1.3
5.5
5.0
21166
19781
22551
6.5
1.2
5.3
0.0
16330
15306
17354
6.3
1.2
5.1
5.0
12696
11933
13459
6.0
1.2
5.0
10.0
9951
9378
10524
5.8
1.2
4.8
15.0
7855
7422
8288
5.5
1.2
4.7
20.0
6246
5916
6576
5.3
1.2
4.5
25.0
5000
4750
5250
5.0
1.1
4.4
30.0
4029
3816
4241
5.3
1.2
4.3
35.0
3266
3087
3445
5.5
1.3
4.1
40.0
2665
2513
2816
5.7
1.4
4.0
45.0
2186
2057
2314
5.9
1.5
3.9
50.0
1803
1694
1913
6.1
1.6
3.8
55.0
1495
1402
1589
6.3
1.7
3.7
60.0
1247
1166
1327
6.5
1.8
3.6
65.0
1044
975.1
1114
6.6
1.9
3.5
70.0
878.9
819.2
938.7
6.8
2.0
3.4
75.0
743.1
691.4
794.9
7.0
2.1
3.3
80.0
631.0
586.1
676.0
7.1
2.2
3.2
85.0
538.2
499.0
577.4
7.3
2.3
3.1
90.0
460.8
426.5
495.1
7.4
2.4
3.1
95.0
396.1
366.1
426.2
7.6
2.5
3.0
100.0
341.8
315.4
368.2
7.7
2.6
2.9
105.0
296.2
272.9
319.6
7.9
2.8
2.9
110.0
257.7
237.0
278.3
8.0
2.9
2.8
115.0
224.6
206.3
242.9
8.1
3.0
2.7
120.0
196.4
180.2
212.7
8.3
3.1
2.7
125.0
171.9
157.5
186.4
8.4
3.2
2.6
130.0
150.9
138.1
163.8
8.5
3.4
2.5
135.0
133.3
121.7
144.8
8.6
3.5
2.5
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 10 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57891S0103J008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0103J008 EPCOS-B57891S0103J008 Datasheet
336Kb / 19P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57891S0103J008 TDK-B57891S0103J008 Datasheet
562Kb / 26P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891S0103J008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57220K0212A003 TDK-B57220K0212A003 Datasheet
436Kb / 17P
   Leadless NTCs
logo
IDEA.lnc.
ISRC0280 IDEA-ISRC0280 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
   PHOTODIODE 2.5 mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Lumberg
355095 LUMBERG-355095 Datasheet
394Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3557 LUMBERG-3557_18 Datasheet
445Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3550 LUMBERG-3550_18 Datasheet
473Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3523 LUMBERG-3523_18 Datasheet
548Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com