Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891S0103H008 Datasheet(PDF) 5 Page - EPCOS

Part # B57891S0103H008
Description  Leaded NTCs, lead spacing 2.5 mm
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891S0103H008 Datasheet(HTML) 5 Page - EPCOS

  B57891S0103H008 Datasheet HTML 1Page - EPCOS B57891S0103H008 Datasheet HTML 2Page - EPCOS B57891S0103H008 Datasheet HTML 3Page - EPCOS B57891S0103H008 Datasheet HTML 4Page - EPCOS B57891S0103H008 Datasheet HTML 5Page - EPCOS B57891S0103H008 Datasheet HTML 6Page - EPCOS B57891S0103H008 Datasheet HTML 7Page - EPCOS B57891S0103H008 Datasheet HTML 8Page - EPCOS B57891S0103H008 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
B57891S0222F008
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2200
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
140.0
76.15
71.56
80.75
6.0
2.8
2.2
145.0
68.31
64.08
72.53
6.2
2.9
2.1
150.0
61.40
57.51
65.29
6.3
3.0
2.1
155.0
55.42
51.83
59.02
6.5
3.2
2.0
B57891S0222H008
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2200
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
116830
105590
128060
9.6
1.6
6.1
50.0
86499
78653
94344
9.1
1.5
6.0
45.0
64515
59002
70028
8.5
1.5
5.8
40.0
48466
44568
52364
8.0
1.4
5.7
35.0
36666
33893
39439
7.6
1.4
5.5
30.0
27931
25947
29914
7.1
1.3
5.4
25.0
21395
19971
22820
6.7
1.3
5.2
20.0
16538
15507
17568
6.2
1.2
5.1
15.0
12838
12090
13585
5.8
1.2
4.9
10.0
10051
9505
10597
5.4
1.1
4.8
5.0
7931
7530
8332
5.1
1.1
4.7
0.0
6306
6011
6602
4.7
1.0
4.5
5.0
5040
4821
5258
4.3
1.0
4.4
10.0
4056
3894
4218
4.0
0.9
4.3
15.0
3282
3162
3403
3.7
0.9
4.1
20.0
2674
2584
2764
3.4
0.8
4.0
25.0
2200
2134
2266
3.0
0.8
3.9
30.0
1825
1764
1887
3.3
0.9
3.8
35.0
1510
1455
1565
3.6
1.0
3.7
40.0
1256
1207
1305
3.9
1.1
3.6
45.0
1056
1012
1100
4.2
1.2
3.5
50.0
892.0
852.4
931.5
4.4
1.3
3.4
55.0
751.7
716.5
787.0
4.7
1.4
3.3
60.0
636.9
605.5
668.3
4.9
1.5
3.2
65.0
543.7
515.6
571.8
5.2
1.6
3.1
70.0
466.0
440.9
491.2
5.4
1.8
3.1
75.0
400.3
377.8
422.8
5.6
1.9
3.0
80.0
345.0
324.8
365.1
5.8
2.0
2.9
85.0
299.0
280.9
317.1
6.1
2.1
2.8
90.0
260.1
243.8
276.4
6.3
2.3
2.8
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 5 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57891S0103H008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0103H008 EPCOS-B57891S0103H008 Datasheet
336Kb / 19P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891S0103H008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57220K0212A003 TDK-B57220K0212A003 Datasheet
436Kb / 17P
   Leadless NTCs
logo
IDEA.lnc.
ISRC0280 IDEA-ISRC0280 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
   PHOTODIODE 2.5 mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Lumberg
355095 LUMBERG-355095 Datasheet
394Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3557 LUMBERG-3557_18 Datasheet
445Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3550 LUMBERG-3550_18 Datasheet
473Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3523 LUMBERG-3523_18 Datasheet
548Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com