Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891S0103H008 Datasheet(PDF) 3 Page - EPCOS

Part # B57891S0103H008
Description  Leaded NTCs, lead spacing 2.5 mm
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891S0103H008 Datasheet(HTML) 3 Page - EPCOS

  B57891S0103H008 Datasheet HTML 1Page - EPCOS B57891S0103H008 Datasheet HTML 2Page - EPCOS B57891S0103H008 Datasheet HTML 3Page - EPCOS B57891S0103H008 Datasheet HTML 4Page - EPCOS B57891S0103H008 Datasheet HTML 5Page - EPCOS B57891S0103H008 Datasheet HTML 6Page - EPCOS B57891S0103H008 Datasheet HTML 7Page - EPCOS B57891S0103H008 Datasheet HTML 8Page - EPCOS B57891S0103H008 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 155
°C
t: 1000 h
< 3%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 1%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 155
°C
Number of cycles: 100
< 2%
No visible
damage
Endurance
Pmax: 200 mW
t: 1000 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 70
°C
t: 10000 h
< 3%
No visible
damage
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 3 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57891S0103H008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0103H008 EPCOS-B57891S0103H008 Datasheet
336Kb / 19P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891S0103H008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57220K0212A003 TDK-B57220K0212A003 Datasheet
436Kb / 17P
   Leadless NTCs
logo
IDEA.lnc.
ISRC0280 IDEA-ISRC0280 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
   PHOTODIODE 2.5 mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Lumberg
355095 LUMBERG-355095 Datasheet
394Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3557 LUMBERG-3557_18 Datasheet
445Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3550 LUMBERG-3550_18 Datasheet
473Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3523 LUMBERG-3523_18 Datasheet
548Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com