Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891S0104F008 Datasheet(PDF) 9 Page - EPCOS

Part # B57891S0104F008
Description  Leaded NTCs, lead spacing 2.5 mm
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891S0104F008 Datasheet(HTML) 9 Page - EPCOS

Back Button B57891S0104F008 Datasheet HTML 5Page - EPCOS B57891S0104F008 Datasheet HTML 6Page - EPCOS B57891S0104F008 Datasheet HTML 7Page - EPCOS B57891S0104F008 Datasheet HTML 8Page - EPCOS B57891S0104F008 Datasheet HTML 9Page - EPCOS B57891S0104F008 Datasheet HTML 10Page - EPCOS B57891S0104F008 Datasheet HTML 11Page - EPCOS B57891S0104F008 Datasheet HTML 12Page - EPCOS B57891S0104F008 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
B57891S0502H008
R/T No.
2003
T (
°C)
B25/100 = 3980 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
40.0
169160
157700
180610
6.8
1.0
6.7
35.0
121800
113980
129610
6.4
1.0
6.5
30.0
88766
83378
94153
6.1
1.0
6.2
25.0
65333
61583
69083
5.7
1.0
6.0
20.0
48614
45978
51250
5.4
0.9
5.8
15.0
36503
34634
38371
5.1
0.9
5.6
10.0
27680
26345
29016
4.8
0.9
5.5
5.0
21166
20204
22128
4.5
0.9
5.3
0.0
16330
15632
17028
4.3
0.8
5.1
5.0
12696
12187
13205
4.0
0.8
5.0
10.0
9951
9577
10325
3.8
0.8
4.8
15.0
7855
7579
8131
3.5
0.8
4.7
20.0
6246
6041
6451
3.3
0.7
4.5
25.0
5000
4850
5150
3.0
0.7
4.4
30.0
4029
3897
4160
3.3
0.8
4.3
35.0
3266
3153
3380
3.5
0.8
4.1
40.0
2665
2566
2763
3.7
0.9
4.0
45.0
2186
2101
2271
3.9
1.0
3.9
50.0
1803
1730
1877
4.1
1.1
3.8
55.0
1495
1432
1559
4.3
1.2
3.7
60.0
1247
1191
1302
4.5
1.2
3.6
65.0
1044
996.0
1093
4.6
1.3
3.5
70.0
878.9
836.7
921.1
4.8
1.4
3.4
75.0
743.1
706.2
780.1
5.0
1.5
3.3
80.0
631.0
598.7
663.4
5.1
1.6
3.2
85.0
538.2
509.7
566.6
5.3
1.7
3.1
90.0
460.8
435.7
485.9
5.4
1.8
3.1
95.0
396.1
374.0
418.3
5.6
1.9
3.0
100.0
341.8
322.2
361.4
5.7
2.0
2.9
105.0
296.2
278.8
313.6
5.9
2.1
2.9
110.0
257.7
242.2
273.1
6.0
2.2
2.8
115.0
224.6
210.8
238.4
6.1
2.3
2.7
120.0
196.4
184.1
208.7
6.3
2.4
2.7
125.0
171.9
160.9
182.9
6.4
2.5
2.6
130.0
150.9
141.1
160.8
6.5
2.6
2.5
135.0
133.3
124.4
142.1
6.6
2.7
2.5
140.0
118.0
110.0
126.0
6.8
2.8
2.4
145.0
104.7
97.46
111.9
6.9
2.9
2.4
150.0
93.08
86.57
99.59
7.0
3.0
2.3
155.0
83.06
77.16
88.96
7.1
3.1
2.3
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 9 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57891S0104F008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891S0104F008 EPCOS-B57891S0104F008 Datasheet
336Kb / 19P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891S0104F008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57220K0212A003 TDK-B57220K0212A003 Datasheet
436Kb / 17P
   Leadless NTCs
logo
IDEA.lnc.
ISRC0280 IDEA-ISRC0280 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
   PHOTODIODE 2.5 mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Lumberg
355095 LUMBERG-355095 Datasheet
394Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3557 LUMBERG-3557_18 Datasheet
445Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3550 LUMBERG-3550_18 Datasheet
473Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3523 LUMBERG-3523_18 Datasheet
548Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com