Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57891 Datasheet(PDF) 11 Page - EPCOS

Part # B57891
Description  Leaded NTCs, lead spacing 2.5 mm
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891 Datasheet(HTML) 11 Page - EPCOS

Back Button B57891 Datasheet HTML 7Page - EPCOS B57891 Datasheet HTML 8Page - EPCOS B57891 Datasheet HTML 9Page - EPCOS B57891 Datasheet HTML 10Page - EPCOS B57891 Datasheet HTML 11Page - EPCOS B57891 Datasheet HTML 12Page - EPCOS B57891 Datasheet HTML 13Page - EPCOS B57891 Datasheet HTML 14Page - EPCOS B57891 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
B57891S0502J008
R/T No.
2003
T (
°C)
B25/100 = 3980 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
140.0
118.0
107.6
128.3
8.8
3.6
2.4
145.0
104.7
95.36
114.0
8.9
3.8
2.4
150.0
93.08
84.71
101.5
9.0
3.9
2.3
155.0
83.06
75.50
90.62
9.1
4.0
2.3
B57891S0103F008
R/T No.
4901
T (
°C)
B25/100 = 3950 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
878900
826970
930830
5.9
0.8
7.1
50.0
617590
583600
651570
5.5
0.8
6.9
45.0
439340
416870
461810
5.1
0.8
6.7
40.0
316180
301180
331180
4.7
0.7
6.5
35.0
230060
219970
240160
4.4
0.7
6.3
30.0
169150
162300
175990
4.0
0.7
6.1
25.0
125550
120880
130220
3.7
0.6
5.9
20.0
94143
90938
97349
3.4
0.6
5.7
15.0
71172
68964
73381
3.1
0.6
5.5
10.0
54308
52781
55836
2.8
0.5
5.4
5.0
41505
40454
42556
2.5
0.5
5.2
0.0
32014
31290
32738
2.3
0.4
5.0
5.0
25011
24510
25512
2.0
0.4
4.9
10.0
19691
19346
20036
1.8
0.4
4.7
15.0
15618
15382
15854
1.5
0.3
4.6
20.0
12474
12315
12633
1.3
0.3
4.5
25.0
10000
9900
10100
1.0
0.2
4.3
30.0
8080
7977
8182
1.3
0.3
4.2
35.0
6569
6472
6666
1.5
0.4
4.1
40.0
5372
5282
5462
1.7
0.4
4.0
45.0
4424
4340
4507
1.9
0.5
3.9
50.0
3661
3585
3737
2.1
0.6
3.8
55.0
3039
2971
3108
2.3
0.6
3.7
60.0
2536
2474
2598
2.4
0.7
3.6
65.0
2128
2073
2184
2.6
0.8
3.5
70.0
1794
1744
1844
2.8
0.8
3.4
75.0
1518
1474
1563
3.0
0.9
3.3
80.0
1290
1250
1330
3.1
1.0
3.2
85.0
1100
1064
1136
3.3
1.0
3.1
90.0
941.8
909.6
974.0
3.4
1.1
3.1
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 11 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57891

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57891M EPCOS-B57891M Datasheet
352Kb / 23P
   NTC thermistors for temperature measurement
B57891M0102 EPCOS-B57891M0102 Datasheet
370Kb / 24P
   NTC thermistors for temperature measurement
B57891M0102 EPCOS-B57891M0102 Datasheet
546Kb / 28P
   NTC thermistors for temperature measurement
B57891M0102000 EPCOS-B57891M0102000 Datasheet
546Kb / 28P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57891M0102000 TDK-B57891M0102000 Datasheet
574Kb / 28P
   NTC thermistors for temperature measurement
More results

Similar Description - B57891

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57220K0212A003 TDK-B57220K0212A003 Datasheet
436Kb / 17P
   Leadless NTCs
logo
IDEA.lnc.
ISRC0280 IDEA-ISRC0280 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
   PHOTODIODE 2.5 mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
Lumberg
355095 LUMBERG-355095 Datasheet
394Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3557 LUMBERG-3557_18 Datasheet
445Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3552 LUMBERG-3552_18 Datasheet
502Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3550 LUMBERG-3550_18 Datasheet
473Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3523 LUMBERG-3523_18 Datasheet
548Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3513-2 LUMBERG-3513-2_18 Datasheet
476Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com