Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2512I-AEZG Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2512I-AEZG
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I-AEZG Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2512I-AEZG Datasheet HTML 7Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 8Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 9Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 10Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 11Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 12Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 13Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 14Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
11
Revision 1.92 (11-28-07)
DATASHEET
0
1
Configured as an SMBus slave for external download of user-defined
descriptors.
SMBus slave address 58 (0101100x)
Strap Options Disabled
All Settings Controlled by Registers
1
0
Internal Default Configuration
Strap Options Enabled
Bus Power Operation
1
1
2-Wire I2C EEPROMS are supported.
Strap Options Disabled
All Settings Controlled by Registers
Table 3.3 USB2512i Power, Ground, and No Connect
PACKAGE SYMBOL
36-QFN EMB
FUNCTION
VDD18
14
VDD Core
This pin must have a 1.0
μF (or greater) ±20% (ESR <0.1Ω) capacitor to
VSS.
VDD33PLL
36
VDD 3.3 PLL Regulator Reference
+3.3V power supply for the PLL. If the internal PLL 1.8V regulator
is enabled, then this pin acts as the regulator input.
VDDPLL18
34
VDD PLL
This pin must have a 1.0
μF (or greater) ±20% (ESR <0.1Ω) capacitor to
VSS.
VDDA33
5
10
29
VDD Analog I/O
+3.3V Filtered analog PHY power, shared between adjacent ports.
VDD33/VDD33CR
23
15
VDDIO/VDD 3.3 Core Regulator Reference
+3.3V power supply for the Digital I/O
If the internal core regulator is enabled, then VDD33CR acts as the
regulator input.
NC
6
7
8
9
18
19
20
21
No Connect
Leave unconnected on the circuit board.
Table 3.2 SMBus or EEPROM Interface Behavior (continued)
CFG_SEL1
CFG_SEL0
SMBUS OR EEPROM INTERFACE BEHAVIOR


Similar Part No. - USB2512I-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2512i-AEZG SMSC-USB2512i-AEZG Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2512I-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2513I SMSC-USB2513I Datasheet
999Kb / 48P
   Industrial Temperature Rated USB 2.0 High-Speed 3-Port Hub Controller
USB2514I SMSC-USB2514I Datasheet
1,011Kb / 49P
   Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
   USB 2.0 High-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
   USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
   2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
   USB 2.0 Hi-Speed 2-Port Hub Controller
logo
Microchip Technology
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
   2-Port USB 2.0 Hub Controller
06/23/16
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
   2-Port USB 2.0 Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com