Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2512I-AEZG Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2512I-AEZG
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I-AEZG Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2512I-AEZG Datasheet HTML 6Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 7Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 8Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 9Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 10Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 11Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 12Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 13Page - SMSC Corporation USB2512I-AEZG Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
10
SMSC USB2512i
DATASHEET
XTAL2
32
OCLKx
Crystal Output
24MHz Crystal
This is the other terminal of the crystal, or a NO-CONNECT
when an external clock source is used to drive XTAL1/CLKIN.
This output must not be used to drive any external circuitry
other than the crystal circuit.
RESET_N
26
IS
RESET Input
The system can reset the chip by driving this input low. The
minimum active low pulse is 1 us.
When the RESET_N pin is pulled to VDD33, the internal POR
(Power on Reset) is enabled and no external reset circuitry is
required. The internal POR holds the internal logic in reset until
the power supplies are stable.
SUSP_IND/
LOCAL_PWR/
NON_REM0
28
I/O
Active/Suspend status LED or Local-Power & Non Removable
Strap Option
Suspend Indicator: Indicates USB state of the hub.
‘negated’ = Unconfigured, or configured and in USB Suspend
‘asserted’ = Hub is configured, and is active (i.e., not in
suspend)
Local Power: Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., Hub gets
all power from Upstream USB VBus).
High = Self/local power source is available.
NON_REM0 Strap Option:
If this strap is enabled by package and configuration settings
(see Table 3.2), this pin will be sampled (in conjunction with
NON_REM1) at RESET_N negation to determine if ports [2:1]
contain permanently attached (non-removable) devices. Also,
the active state of the LED
will be determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable, and the LED is
active high
NON_REM[1:0] = ‘01’, Port 1 is nonremovable, and the LED is
active low
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable, and the
LED is active high
NON_REM[1:0] = ‘11’, Ports 1 & 2 are non-removable, and the
LED is active low
TEST
11
IPD
TEST pin
Used for testing the chip. User must treat as a no-connect or
connect to ground.
Table 3.2 SMBus or EEPROM Interface Behavior
CFG_SEL1
CFG_SEL0
SMBUS OR EEPROM INTERFACE BEHAVIOR
0
0
Internal Default Configuration
Strap Options Enabled
Table 3.1 USB2512i Pin Descriptions (continued)
SYMBOL
QFN-36
EMB
BUFFER
TYPE
DESCRIPTION


Similar Part No. - USB2512I-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2512i-AEZG SMSC-USB2512i-AEZG Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2512I-AEZG

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2513I SMSC-USB2513I Datasheet
999Kb / 48P
   Industrial Temperature Rated USB 2.0 High-Speed 3-Port Hub Controller
USB2514I SMSC-USB2514I Datasheet
1,011Kb / 49P
   Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
   USB 2.0 High-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
   USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
   2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
   USB 2.0 Hi-Speed 2-Port Hub Controller
logo
Microchip Technology
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
   2-Port USB 2.0 Hub Controller
06/23/16
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
   2-Port USB 2.0 Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com