Part Name
         Description
NTE1337

 Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Pin Connection Diagram
Ripple Filter
(−) VCC 1
(+) VCC 1
(+) VCC 2
GND
N.C.
(+) Input
(−) Input
Compensation
Output
9
8
7
6
5
4
3
2
1
10
(−) VCC
Ripple Filter
110
.135 (3.42)
Dia
(2 Holes)
2.766 (70.0)
3.071 (78.0)
1.422 (36.0)
1.733
(44.0)
.492
(12.5)
.157 (4.0)
.028 (0.71)
.315 (8.0)



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1328Integrated Circuit Module Hybrid Audio Power Amp50W 2 Power Supplies Required 1 2 NTE Electronics
NTE1340Integrated Circuit Module Hybrid Audio Power Amplifier 24W 2 Power Supplies Required 1 2 NTE Electronics
NTE1281Integrated Circuit Module Hybrid Audio Power Amplifier 50W 1 2 NTE Electronics
NTE1028Integrated Circuit Module Hybrid Audio Power Amp 20W 1 2 NTE Electronics
NTE1282Integrated Circuit Module Hybrid Audio Power Amplifier 35W 1 2 NTE Electronics
NTE1516Integrated Circuit Audio Power Amp 1.8 Watt 1 2 3 NTE Electronics
NTE7032Integrated Circuit Module AF Power Amp Single Channel 120W Min 1 2 NTE Electronics
NTE1219Integrated Circuit Dual Audio Power Amp 15 W/Ch 1 2 NTE Electronics
NTE1110Integrated Circuit Audio Power Amp 2W 1 2 3 NTE Electronics
NTE1240Integrated Circuit Audio Power Amp 5.5W 1 2 NTE Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl