Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83CNQ100GA Datasheet(PDF) 4 Page - International Rectifier

Part # 83CNQ100GA
Description  SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

83CNQ100GA Datasheet(HTML) 4 Page - International Rectifier

  83CNQ100GA Datasheet HTML 1Page - International Rectifier 83CNQ100GA Datasheet HTML 2Page - International Rectifier 83CNQ100GA Datasheet HTML 3Page - International Rectifier 83CNQ100GA Datasheet HTML 4Page - International Rectifier 83CNQ100GA Datasheet HTML 5Page - International Rectifier 83CNQ100GA Datasheet HTML 6Page - International Rectifier 83CNQ100GA Datasheet HTML 7Page - International Rectifier 83CNQ100GA Datasheet HTML 8Page - International Rectifier 83CNQ100GA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
4
Preliminary Data Sheet PD-20809 09/04
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
Square Wave Pulse Duration - t
p (microsec)
Average Forward Current - I
F(AV) (A)
Average Forward Current - I
F(AV) (A)
140
150
160
170
180
0
10
203040
5060
DC
RthJC (DC) = 0.85 ˚C/W
0
5
10
15
20
25
30
35
40
0
10
203040
5060
DC
RMS Limit
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
100
1000
10000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge


Similar Part No. - 83CNQ100GA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
83CNQ100 MICROSEMI-83CNQ100 Datasheet
120Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
83CNQ100 SMC-83CNQ100 Datasheet
230Kb / 5P
   SCHOTTKY RECTIFIER
logo
International Rectifier
83CNQ100A IRF-83CNQ100A Datasheet
207Kb / 8P
   SCHOTTKY RECTIFIER
83CNQ100A IRF-83CNQ100A Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
83CNQ100A VISHAY-83CNQ100A Datasheet
125Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
More results

Similar Description - 83CNQ100GA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
85CNQ015APBF IRF-85CNQ015APBF Datasheet
176Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
InterFET Corporation
81CNQ035A INTERFET-81CNQ035A Datasheet
235Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com